Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2890 Datasheet (PDF) - Dallas Semiconductor

DS2890 Datasheet PDF - Dallas Semiconductor
Part # DS2890
Download  DS2890 Download
File Size   939.35 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Digital Potentiometer

DS2890 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2890 Datasheet PDF - Dallas Semiconductor

Part # DS2890
Download  DS2890 Click to download

File Size   939.35 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Digital Potentiometer

DS2890 Datasheet (HTML) - Dallas Semiconductor


DS2890 Product details

FEATURES

● Single element 256-position linear taper potentiometer

● Supports potentiometer terminal working voltages up to 11V

● Potentiometer terminal voltage independent of supply voltage

● Potentiometer wiper position controlled and read over minimal 1-Wire bus interface

● 100 kΩ resistor element value

● Provides 1-Wire and VDD power modes

● Supports Conditional Search based on power-on default wiper position

● Multiple DS2890’s can be identified on a common 1-Wire bus and operated independently

● Unique factory lasered 64-bit registration number assures error free device selection and absolute part identity

● Built-in multi-drop controller ensures compatibility with other 1-Wire Network products

● Supports Overdrive mode which boosts communication speed up to 142 kbits per second

● -40oC to +85oC operating temperature range

● 2.8V – 6.0V operating voltage range



 




Similar Part No. - DS2890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
1-Wire Digital Potentiometer
012207
More results


Similar Description - DS2890

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
logo
Analog Devices
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
1-/2-Channel 15 V Digital Potentiometer
REV. A
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
1-Wire Digital Potentiometer
012207
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com