Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C400 Datasheet (PDF) - Dallas Semiconductor

DS80C400 Datasheet PDF - Dallas Semiconductor
Part # DS80C400
Download  DS80C400 Download
File Size   2053.29 Kbytes
Page   97 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description DS80C400 Network Microcontroller

DS80C400 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS80C400 Datasheet PDF - Dallas Semiconductor

Part # DS80C400
Download  DS80C400 Click to download

File Size   2053.29 Kbytes
Page   97 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description DS80C400 Network Microcontroller

DS80C400 Datasheet (HTML) - Dallas Semiconductor


DS80C400 Product details

GENERAL DESCRIPTION
The DS80C400 is a fast 8051-compatible microcontroller that executes instructions up to three times faster than an original 8051 at the same crystal speed. Its maximum system-clock frequency of 75MHz results in a minimum instruction cycle time of 54ns. Access to large program or data memory areas is simplified with a 24-bit addressing scheme that supports up to 16MB of flat memory. To accelerate data transfers between the microcontroller and the 16MB memory map, the DS80C400 provides four data pointers, each of which can be configured to automatically increment or decrement upon execution of certain data pointer-related instructions. The mircocontroller’s hardware math accelerator further increases the speed of 32-bit and 16-bit multiply and divide operations as well as high-speed shift, normalization, and accumulate functions.

FEATURES
■ High-Performance Architecture
   ― Single 8051 instruction cycle in 54ns
   ― DC to 75MHz clock rate
   ― Flat 16MB address space
   ― Four data pointers with auto-increment/decrement and select-accelerate data movement
   ― 16/32-bit math accelerator
■ Multitiered Networking and I/O
   ― 10/100 Ethernet media access controller (MAC)
   ― CAN 2.0B controller
   ― 1-Wire® net controller
   ― Three full-duplex hardware serial ports
   ― Up to eight bidirectional 8-bit ports (64 digital I/O pins)
■ Robust ROM Firmware
   ― Supports network boot over Ethernet using DHCP and TFTP
   ― Full, application-accessible TCP/IP network stack
   ― Supports IPv4 and IPv6
   ― Implements UDP, TCP, DHCP, ICMP, and IGMP
   ― Preemptive, priority-based task scheduler
   ― MAC address can optionally be acquired from IEEE-registered DS2502-E48
■ 10/100 Ethernet MAC
   ― Flexible IEEE 802.3 MII (10/100Mbps) and ENDEC (10Mbps) interfaces allow selection of PHY
   ― Low-power operation
   ― Ultra-low-power sleep mode with Magic Packet™ and wake-up frame detection
   ― 8kB on-chip Tx/Rx packet data memory with buffer control unit reduces load on CPU
   ― Half- or full-duplex operation with flow control
   ― Multicast/broadcast address filtering with VLAN support
■ Full-Function CAN 2.0B Controller
   ― 15 message centers
   ― Supports standard (11-bit) and extended (29-bit) identifiers and global masks
   ― Media byte filtering to support DeviceNet™, SDS, and higher layer CAN protocols
   ― Auto-baud mode and SIESTA low-power mode
■ Integrated Primary System Logic
   ― 16 total interrupt sources with 6 external
   ― Four 16-bit timer/counters
   ― 2X/4X clock multiplier reduces electromagnetic interference (EMI)
   ― Programmable watchdog timer
   ― Oscillator-fail detection
   ― Programmable IrDA clock
■ Advanced Power Management
   ― Energy saving 1.8V Core
   ― 3.3V I/O operation, 5V tolerant
   ― Power-management, idle, and stop mode operations with switchback feature
   ― Ethernet and CAN shutdown control for power conservation
   ― Early warning power-fail interrupt
   ― Power-fail reset
■ Enhanced Memory Architecture
   ― Selectable 8/10-bit stack pointer for highlevel language support
   ― 1kB additional on-chip SRAM usable as stack/data memory
   ― 16-bit/24-bit paged/24-bit contiguous modes
   ― Selectable multiplexed/nonmultiplexed external memory interface
   ― Merged program/data memory space allows in-system programming
   ― Defaults to true 8051 memory compatibility

APPLICATIONS
■ Industrial Control/Automation
■ Vending
■ Data Converters (Serial-to-Ethernet)
■ Data Collection Equipment
■ Environmental Monitoring
■ Home/Office Automation
■ Transaction/Payment Terminals




Similar Part No. - DS80C400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C400 MAXIM-DS80C400 Datasheet
2Mb / 97P
Network Microcontroller
REV: 010907
DS80C400 MAXIM-DS80C400 Datasheet
1Mb / 69P
Network Microcontroller
REV: 102103
DS80C400 MAXIM-DS80C400 Datasheet
1Mb / 97P
Network Microcontroller
Rev 7; 6/09
DS80C400 MAXIM-DS80C400 Datasheet
413Kb / 2P
1MB NV SRAM for Data Storage
REV: 070507
DS80C400-FNY MAXIM-DS80C400-FNY Datasheet
2Mb / 97P
Network Microcontroller
REV: 010907
More results


Similar Description - DS80C400

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20051+ SMSC-COM20051+ Datasheet
348Kb / 92P
Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
logo
List of Unclassifed Man...
IIM7010A ETC2-IIM7010A Datasheet
491Kb / 9P
network module
logo
Maxim Integrated Produc...
DS80C400 MAXIM-DS80C400_07 Datasheet
2Mb / 97P
Network Microcontroller
REV: 010907
DS80C400 MAXIM-DS80C400_03 Datasheet
1Mb / 69P
Network Microcontroller
REV: 102103
DS80C400 MAXIM-DS80C400_09 Datasheet
1Mb / 97P
Network Microcontroller
Rev 7; 6/09
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
NETWORK RESISTORS RA Series: SIP Network
logo
Gamewell-FCI by Honeywe...
RPT-E3-UTP GAMEWELL-FCI-RPT-E3-UTP_13 Datasheet
52Kb / 1P
Network Repeater
logo
Amphenol Corporation
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
Network servers
logo
Maxim Integrated Produc...
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
logo
List of Unclassifed Man...
KUNBUS-GW ETC-KUNBUS-GW Datasheet
442Kb / 6P
Modular Network-to-Network Gateways
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com