Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C400 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS80C400 Datasheet HTML 1Page - Dallas Semiconductor DS80C400 Datasheet HTML 2Page - Dallas Semiconductor DS80C400 Datasheet HTML 3Page - Dallas Semiconductor DS80C400 Datasheet HTML 4Page - Dallas Semiconductor DS80C400 Datasheet HTML 5Page - Dallas Semiconductor DS80C400 Datasheet HTML 6Page - Dallas Semiconductor DS80C400 Datasheet HTML 7Page - Dallas Semiconductor DS80C400 Datasheet HTML 8Page - Dallas Semiconductor DS80C400 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
DS80C400 Network Microcontroller
5 of 97
PARAMETER
SYMBOL
MIN
MAX
UNITS
STRETCH VALUES
CST (MD2:0)
tCLCL - 5
CST = 0
2tCLCL - 5
1
£ CST £ 3
Data Float After
RD (P3.7 or
PSEN) High
tRHDZ
6tCLCL - 5
ns
4
£ CST £ 7
2tCLCL + tCLCH - 19
CST = 0
(4 x CST + 1) tCLCL - 19
1
£ CST £ 3
ALE Low to Valid Data In
tLLDV
(4 x CST + 5) tCLCL - 19
ns
4
£ CST £ 7
3tCLCL - 19
CST = 0
(4 x CST + 2)tCLCL - 19
1
£ CST £ 3
Port 0 Address to Valid Data
In
tAVDV0
(4 x CST + 10)tCLCL - 19
ns
4
£ CST £ 7
3tCLCL + tCLCH - 19
CST = 0
(4 x CST + 2)tCLCL + tCLCH -
19
1
£ CST £ 3
Port 2, 4, 6 Address, Port 4
CE, or Port 5 PCE to Valid
Data In
tAVDV2
(4 x CST + 10)tCLCL + tCLCH -
20
ns
4
£ CST £ 7
tCLCH - 3
tCLCH + 6
CST = 0
tCLCL - 3
tCLCL + 6
1
£ CST £ 3
ALE Low to (
RD or PSEN) or
WR Low
tLLWL
5tCLCL - 3
5tCLCL + 6
ns
4
£ CST £ 7
tCLCL - 5
CST = 0
2tCLCL - 6
1
£ CST £ 3
Port 0 Address to (
RD or
PSEN) or WR Low
tAVWL0
10tCLCL - 6
ns
4
£ CST £ 7
tCLCL + tCLCH - 5
CST = 0
2tCLCL + tCLCH - 5
1
£ CST £ 3
Port 2, 4 Address, Port 4 CE,
Port 5 PCE, to (
RD or PSEN)
or
WR Low
tAVWL2
10tCLCL + tCLCH - 5
ns
4
£ CST £ 7
Data Valid to
WR Transition
tQVWX
0
ns
tCLCL - 4
CST = 0
2CLCL - 7
1
£ CST £ 3
Data Hold After
WR High
tWHQX
6tCLCL - 7
ns
4
£ CST £ 7
RD Low to Address Float
tRLAZ
(Note 2)
0
£ CST £ 7
0
7
CST = 0
tCLCL - 3
tCLCL + 4
1
£ CST £ 3
(
RD or PSEN) or WR High to
ALE
tWHLH
5tCLCL - 3
5tCLCL + 4
ns
4
£ CST £ 7
tCHCL -5
tCHCL + 13
CST = 0
tCLCL + tCHCL - 5
tCLCL + tCHCL + 13
1
£ CST £ 3
(
RD or PSEN) or WR High to
Port 4 CE or Port 5 PCE
High
tWHLH2
5tCLCL + tCHCL - 5
5tCLCL + tCHCL + 13
ns
4
£ CST £ 7
Note 1: Specifications to -40°C are guaranteed by design and not production tested.
Note 2: For a MOVX read operation, on the falling edge of ALE, Port 0 is held by a weak latch until overdriven by external memory.
Note 3: All parameters apply to both commercial and industrial temperature operation, unless otherwise noted.
Note 4: CST is the stretch cycle value as determined by the MD2, MD1, and MD0 bits of the CKCON register. tCLCL , tCLCH , tCHCL are time
periods associated with the internal system clock and are related to the external clock. See the System Clock Time Periods table.
Note 5: All signals characterized with load capacitance of 80pF except Port 0, Port 2, ALE,
PSEN, RD, and WR with 100pF. The following
signals, when configured for memory interface, are also characterized with 100pF loading: Port 4 (
CE0-3, A16–A19), Port 5.4–5.7
(
PCE0-3), Port 6.0–6.5 (CE4-7, A20, A21), Port 7 (demultiplexed mode A0–A7).
Note 6: References to the XTAL, XTAL1, or CLK signal in timing diagrams are to assist in determining the relative occurrence of events, not for
determing absolute signal timing with respect to the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com