Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C400 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 17Page - Dallas Semiconductor DS80C400 Datasheet HTML 18Page - Dallas Semiconductor DS80C400 Datasheet HTML 19Page - Dallas Semiconductor DS80C400 Datasheet HTML 20Page - Dallas Semiconductor DS80C400 Datasheet HTML 21Page - Dallas Semiconductor DS80C400 Datasheet HTML 22Page - Dallas Semiconductor DS80C400 Datasheet HTML 23Page - Dallas Semiconductor DS80C400 Datasheet HTML 24Page - Dallas Semiconductor DS80C400 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
DS80C400 Network Microcontroller
21 of 97
NONMULTIPLEXED, 9-CYCLE DATA MEMORY
CE0-7 WRITE
OW PIN TIMING CHARACTERISTICS (Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.)
STANDARD
OVERDRIVE
LONGLINE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
Transmit Reset Pulse Low Time
(Note 2)
tRSTL
500.8
626
50.4
63
500.8
626
ms
Transmit Reset Pulse High Time
(Note 2)
tRSTH
508.8
636
59.2
74
508.8
636
ms
Wait Time for Transmit of Presence
Pulse (Notes 2, 3)
tPDH
15
60
2
6
15
60
ms
Wait Time for Absence of Presence
Pulse (Notes 2, 4)
tPDHCNT
60
75
6.4
8
60
75
ms
Presence Pulse Width (Note 2)
tPDL
60
240
8
24
60
240
ms
Presence Pulse Sampling Time
(Note 2)
tPDS
24
31
2.4
4
30.4
38
ms
Read/Write Data Time Slot
tSLOT
68.8
86
12
15
68.8
86
ms
Low Time for Write 1
tLOW1
4.8
6
0.8
1
7.2
9
ms
Low Time for Write 0
tLOW0
62.4
78
8
10
62.4
78
ms
Write Data Sampling Time
tWDV
15
60
2
6
25
60
ms
Read Data Sampling Time
tRDV
12
15
1.6
2
20
25
ms
Note 1: Specifications to -40°C are guaranteed by design and not production tested.
Note 2: In PMM mode, the master pulls the line low after the first 15
ms for the remainder of the standard speed 1-Wire routine.
Note 3: This parameter quantifies the wait time for the slave devices to respond to the reset pulse and is dependent on the slave device timing.
Note 4: This parameter quantifies the wait time for the case when no presence pulse detected.
Note 5: The maximum timing figures shown apply only when an exact 1-Wire clock frequency can be achieved from the microcontroller input
clock
.
PORT 4 –
3
CE0 -
PORT 6 –
7
-
CE4
PORT 4/6 ADDRESS
A16 -A21
A16 -A21
A16 -A21
A16 -A21
PORT 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com