Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C400 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS80C400 Datasheet HTML 1Page - Dallas Semiconductor DS80C400 Datasheet HTML 2Page - Dallas Semiconductor DS80C400 Datasheet HTML 3Page - Dallas Semiconductor DS80C400 Datasheet HTML 4Page - Dallas Semiconductor DS80C400 Datasheet HTML 5Page - Dallas Semiconductor DS80C400 Datasheet HTML 6Page - Dallas Semiconductor DS80C400 Datasheet HTML 7Page - Dallas Semiconductor DS80C400 Datasheet HTML 8Page - Dallas Semiconductor DS80C400 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
DS80C400 Network Microcontroller
3 of 97
most applications, but should be considered when proper operation must be maintained at all times. For these applications, it may be
desirable to use a more accurate external reset.
Note 3: While the specifications for VPFW3 and VRST3 overlap, the design of the hardware makes it such that this is not possible. Within the ranges
given, there is a guaranteed separation between these two voltages.
Note 4: Current measured with 75MHz clock source on XTAL1, VCC3 = 3.6V, VCC1 = 2.0V, EA and RST = 0V, Port0 = VCC3, all other pins
disconnected.
Note 5: While the specifications for VPFW1 and VRST1 overlap, the design of the hardware makes it such that this is not possible. Within the ranges
given, there will be a guaranteed separation between these two voltages.
Note 6: Certain pins exhibit stronger drive capability when being used to address external memory. These pins and associated memory
interface function (in parentheses) are as follows: Port 3.6-3.7 (
WR, RD), Port 4 (CE0-3, A16-A19), Port 5.4-5.7 (PCE0-3), Port 6.0-6.5
(
CE4-7, A20, A21), Port 7 (demultiplexed mode A0-A7).
Note 7: This measurement reflects the weak I/O pullup state that persists following the momentary strong 0 to 1 port pin drive (VOH2). This I/O
pin state can be achieved by applying RST = VCC3.
Note 8: The measurement reflects the momentary strong port pin drive during a 0-to-1 transition in I/O mode. During this period, a one shot
circuit drives the ports hard for two clock cycles. A weak pullup device (VOH1) remains in effect following the strong two-clock cycle
drive. If a port 4 or 6 pin is functioning in memory mode with pin state of 0 and the SFR bit contains a 1, changing the pin to an I/O
mode (by writing to P4CNT, for example) does not enable the two-cycle strong pullup.
Note 9: Port 3 pins 3.6 (
WR) and 3.7(RD) have a stronger than normal pullup drive for only one system clock period following the transition of
either
WR or RD from a 0 to a 1.
Note 10: This is the current required from an external circuit to hold a logic low level on an I/O pin while the corresponding port latch bit is set to
1. This is only the current required to hold the low level; transitions from 1 to 0 on an I/O pin also have to overcome the transition
current.
Note 11: Following the 0 to 1 one-shot timeout, ports in I/O mode source transition current when being pulled down externally. It reaches a
maximum at approximately 2V.
Note 12: During external addressing mode, weak latches are used to maintain the previously driven state on the pin until such time that the Port
0 pin is driven by an external memory source.
Note 13: The OW pin (when configured to output a 1) at VIN = 5.5V, EA, MUX, and all MII inputs (TXCLk, RXCLk, RX_DV, RX_ER, RXD[3:0],
CRS, COL, MDIO) at VIN = 3.6V.
AC ELECTRICAL CHARACTERISTICS (MULTIPLEXED ADDRESS/DATA BUS)
(Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.)
75MHz
VARIABLE CLOCK
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
External Crystal Frequency
4
40
16
37.5
Clock Mutliplier 2X Mode
Clock Multiplier 4X Mode
1 / tCLK
11
18.75
MHz
External Clock Oscillator Frequency
DC
75
Clock Mutliplier 2X Mode
16
37.5
Clock Multiplier 4X Mode
1 / tCLK
11
18.75
MHz
ALE Pulse Width
15.0
tCLCL + tCHCL - 5
ns
Port 0 Instruction Address Valid to ALE Low
tLHLL
1.7
tCHCL - 5
ns
Address Hold After ALE Low
tAVLL
4.7
tCLCH - 2
ns
ALE Low to Valid Instruction In
tLLAX
14.3
2tCLCL + tCLCH - 19
ns
ALE Low to
PSEN Low
tLLIV
3.7
tCLCH - 3
ns
PSEN Pulse Width
tLLPL
21.7
2tCLCL - 5
ns
PSEN Low to Valid Instruction In
tPLPH
9.7
2tCLCL -17
ns
Input Instruction Hold After
PSEN
tPLIV
0
0
ns
Input Instruction Float After
PSEN
tPXIX
8.3
tCLCL - 5
ns
Port 0 Address to Valid Instruction In
tAVIV0
21.0
3tCLCL - 19
ns
Port 2, 4, 6 Address or Port 4 CE to Valid
Instruction In
tAVIV2
27.7
3tCLCL + tCLCH - 19
ns
PSEN Low to Address Float
tPLAZ
0
0
ns
Note 1: Specifications to -40°C are guaranteed by design and not production tested.
Note 2: All parameters apply to both commercial and industrial temperature operation, unless otherwise noted.
Note 3: tCLCL, tCLCH, tCHCL are time periods associated with the internal system clock and are related to the external clock (tCLK) as defined in the
External Clock Oscillator (XTAL1) Characteristics table.
Note 4: The precalculated 75MHz MIN/MAX timing specifications assume an exact 50% duty cycle.
Note 5: All signals guaranteed with load capacitance of 80pF except Port 0, Port 2,
ALE, PSEN, RD, and WR with 100pF. The following signals,
when configured for memory interface, are also characterized with 100pF loading: Port 4 (
CE0-3, A16–A19), Port 5.4–5.7 ( PCE0-3),
Port 6.0–6.5 (
CE4-7, A20, A21), Port 7 (demultiplexed mode A0–A7).
Note 6: For high-frequency operation, special attention should be paid to the float times of the interfaced memory devices so as to avoid bus
contention.
Note 7: References to the XTAL, XTAL1 or CLK signal in timing diagrams is to assist in determining the relative occurrence of events, not for
determing absolute signal timing with respect to the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com