Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D669A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

D669A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # D669A
Download  D669A Download
File Size   242.48 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Type Plastic Encapsulate Transistors

D669A Datasheet (PDF)

Go To PDF Page Download Datasheet
D669A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # D669A
Download  D669A Click to download

File Size   242.48 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Type Plastic Encapsulate Transistors

D669A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


D669A Product details

FEATURES
    Power dissipation PCM : 1mW(Tamb=25℃)
    Collector current ICM : 1.5 A
    Collector-base voltage V(BR)CBO : 180 V
    Collector-emitter voltage VCEO 2SD669 : 120 V 2SD669A : 160 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - D669A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D669A UTC-D669A Datasheet
77Kb / 5P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
D669A UTC-D669A Datasheet
126Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Jiangsu Changjiang Elec...
D669A JIANGSU-D669A Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
D669A SECOS-D669A Datasheet
242Kb / 3P
Plastic Encapsulate Transistors
D669A SECOS-D669A Datasheet
294Kb / 2P
1.5A, 180V NPN Plastic Encapsulated Transistor
More results


Similar Description - D669A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1815 SECOS-2SC1815 Datasheet
188Kb / 2P
NPN Type Plastic Encapsulate Transistors
2SC1815K SECOS-2SC1815K Datasheet
166Kb / 3P
NPN Type Plastic Encapsulate Transistors
2SC2120 SECOS-2SC2120 Datasheet
282Kb / 2P
NPN Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com