Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46DR16640A Datasheet (PDF) - Integrated Silicon Solution, Inc

46DR16640A Datasheet PDF - Integrated Silicon Solution, Inc
Part # 46DR16640A
Download  46DR16640A Download
File Size   855.01 Kbytes
Page   28 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Clock frequency up to 400MHz

46DR16640A Datasheet (PDF)

Go To PDF Page Download Datasheet
46DR16640A Datasheet PDF - Integrated Silicon Solution, Inc

Part # 46DR16640A
Download  46DR16640A Click to download

File Size   855.01 Kbytes
Page   28 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Clock frequency up to 400MHz

46DR16640A Datasheet (HTML) - Integrated Silicon Solution, Inc




Similar Part No. - 46DR16640A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
46DR83200A ISSI-46DR83200A Datasheet
1Mb / 48P
32Mx8, 16Mx16 DDR2 DRAM
More results


Similar Description - 46DR16640A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
Input/Output clock frequency up to 160 MHz
logo
Rohm
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
Support clock frequency from 8MHz up to 160MHz
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
Support clock frequency from 10MHz up to 174MHz
logo
Integrated Silicon Solu...
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
Clock frequency up to 333MHz
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
Clock frequency up to 400MHz
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com