Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46DR16640A Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # 46DR16640A
Description  Clock frequency up to 400MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

46DR16640A Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  46DR16640A Datasheet HTML 1Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 2Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 3Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 4Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 5Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 6Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 7Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 8Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
IS43/46DR81280A, IS43/46DR16640A  
Integrated Silicon Solution, Inc. – www.issi.com –
2
Rev. D, 08/30/2011
Package Ball‐out and Description 
DDR2 SDRAM (128Mx8) TW‐BGA Ball‐out (Top‐View) (8.00mm x 13.65mm Body, 0.8mm pitch) 
Description
Input clocks
Clock enable
Chip Select
Command control pins
Address
Bank Address
I/O
Data Strobe
Redundant Data Strobe
Input data mask
Supply voltage
Ground
DQ power supply
DQ ground
Reference voltage
DLL power supply
DLL ground
On Die Termination Enable
No connect
Symbol
CK, CK#
CKE
CS#
RAS#,CAS#,WE#
A[13:0]
BA[2:0]
DQ[7:0]
DQS, DQS#
RDQS, RDQS#
DM
VDD
VDDL
VSSDL
NC
VSS
VDDQ
VSSQ
VREF
ODT
Notes:
1. Pins B3 and A2 have identical capacitance as pins B7 
and A8.
2. For a read, when enabled, strobe pair RDQS & RDQS# 
are identical in function and timing to strobe pair DQS & 
DQS# and input masking function is disabled.
3. The function of DM or RDQS/RDQS# are enabled by 
EMRS command.
4. VDDL and VSSDL are power and ground for the DLL. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com