Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46DR16640A Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # 46DR16640A
Description  Clock frequency up to 400MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

46DR16640A Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button 46DR16640A Datasheet HTML 17Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 18Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 19Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 20Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 21Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 22Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 23Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 24Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
IS43/46DR81280A, IS43/46DR16640A  
Integrated Silicon Solution, Inc. – www.issi.com –
21
Rev. D, 08/30/2011
AC Characteristics 
(AC Operating Conditions Unless Otherwise Noted) 
Parameter 
Symbol 
‐37C 
‐3D 
‐25E 
‐25D 
Units 
Notes 
DDR2‐533C 
DDR2‐667D 
DDR2‐800E 
DDR2‐800D 
Min 
Max 
Min 
Max 
Min 
Max 
Min 
Max 
Row Cycle Time 
tRC 
60  
60  
60  
57.5  
ns  
Auto Refresh Row 
Cycle Time 
tRFC 
127.5  
127.5
 
127.5
 
127.5
 
ns 
11 
Row Active Time 
tRAS 
45 
70K 
45 
70K 
45 
70K 
45 
70K 
ns 
21 
Row Active to 
Column Address 
Delay 
tRCD 
15  
15  
15  
12.5  
ns 
20 
Row Active to Row 
Active Delay 
tRRD(x8) 
7.5  
7.5  
7.5  
7.5  
ns  
tRRD(x16) 
10  
10  
10  
10  
ns  
Four Activate 
Window 
tFAW(x8) 
37.5  
37.5  
35  
35  
ns  
tFAW(x16) 
50  
50  
45  
45  
ns  
Column Address to 
Column Address 
Delay 
tCCD 
2  
2  
2  
2  
tCK  
Row Precharge Time 
tRP 
15  
15  
15  
12.5  
ns  
Write Recovery Time 
tWR 
15  
15  
15  
15  
ns  
Auto precharge Write 
recovery + Precharge 
Time 
tDAL 
Min = tWR+tRP, Max = n/a 
ns 
12 
Clock Cycle Time 
tCK3 (CL=3) 
5 
8 
5 
8 
   
 
ns 
2, 24 
tCK4 (CL=4) 
3.75 
8 
3.75 
8 
3.75 
8 
3.75 
8 
ns 
2, 24 
tCK5 (CL=5)  
 
3 
8 
3 
8 
2.5 
8 
ns 
2, 24 
tCK6 (CL=6) 
    
2.5 
8 
2.5 
8 
ns 
24 
Clock High Level 
Width 
tCH 
0.45 
0.55 
0.48 
0.52 
0.48 
0.52 
0.48 
0.52 
tCK  
Clock Low Level 
Width 
tCL 
0.45 
0.55 
0.48 
0.52 
0.48 
0.52 
0.48 
0.52 
tCK  
Cycle to cycle 
tJITcc 
250 
250 
200 
200 
ps  
Data‐Out Edge to 
Clock Skew Edge 
tAC ‐0.5 
0.45 ‐0.45 
0.45 ‐0.4 
0.4 ‐0.4 
0.4 
ns  
DQS‐Out Edge to 
Clock Skew Edge 
tDQSCK ‐0.45 
0.4 ‐0.4 
0.4 ‐0.35 
0.35 ‐0.35 
0.35 
ns  
DQS‐Out Edge to 
Clock Skew Edge 
tDQSQ  
0.3  
0.24  
0.2  
0.2 
ns  
Data‐Out Hold Time 
from DQS 
tQH 
Min = tHP(min)‐tQHS, Max = n/a 
ns  
Data Hold Skew 
Factor 
tQHS  
400  
340  
300  
300 
ps  
Clock Half Period 
tHP 
Min = tCH(min)/tCL(min), Max = n/a 
ns 
5 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com