Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46DR16640A Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # 46DR16640A
Description  Clock frequency up to 400MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

46DR16640A Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button 46DR16640A Datasheet HTML 5Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 6Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 7Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 8Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 9Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 10Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 11Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 12Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
IS43/46DR81280A, IS43/46DR16640A  
Integrated Silicon Solution, Inc. – www.issi.com –
9
Rev. D, 08/30/2011
Truth Tables 
Operation or timing that is not specified is illegal, and after such an event, in order to guarantee proper operation, the DRAM must 
be powered down and then restarted through the specified initialization sequence before normal operation can continue. 
Command Truth Table 
Previous 
Cycle
Current 
Cycle
(Extended) Mode Register
H
H
L
LLL
BA
1, 2
Refresh (REF)
H
HL
L
L
HX
X
X
X1
Self Refresh Entry
H
LL
L
L
HX
X
X
X
1, 8
H
XXX
L
HHH
Single Bank Precharge
HH
L
LH
L
BA
XL
X
1, 2
Precharge All Banks
HH
L
LH
L
XX
H
X
1
Bank Activate
HH
L
LH
H
BA
1, 2
Write
HH
L
HL
L
BA
X
LColumn 1, 2, 3, 10
Write with Auto Precharge
HH
L
HL
LBA
X
HColumn 1, 2, 3, 10
Read
HH
L
HL
H
BA
X
LColumn 1, 2, 3, 10
Read with Auto Precharge
HH
L
HL
H
BA
X
HColumn 1, 2, 3, 10
No Operation (NOP)
H
XL
HHH
XX
X
X
1
Device Deselect
H
XH
XXX
XX
X
X
1
H
XXX
L
HHH
H
XXX
L
HHH
Function
CKE
CS#
RAS#
CAS#
WE#
BA2‐BA0
An
(9)‐A11 A10 A9‐A0
Notes
Opcode
Sel Refresh Exit
L
H
X
X
X
X
1, 7, 8
Row Address
Power Down Entry
H
L
X
X
X
X
1,4
Power Down Exit
L
H
X
X
X
X
1, 4
 
Notes: 
1.
All DDR2 SDRAM commands are defined by states of CS#, RAS#, CAS#, WE# and CKE at the rising edge of the clock. 
2.
Bank addresses BA0, BA1, and BA2 (BA) determine which bank is to be operated upon. For (E)MRS BA selects an (Extended) Mode Register. 
3.
Burst reads or writes at BL=4 cannot be terminated or interrupted. See sections "Reads interrupted by a Read" and "Writes interrupted by a Write" for details. 
4.
The Power Down Mode does not perform any refresh operations. The duration of Power Down is therefore limited by the refresh requirements 
5.
The state of ODT does not affect the states described in this table. The ODT function is not available during Self Refresh.  
6.
“X” means “H or L (but a defined logic level)” 
7.
Self refresh exit is asynchronous. 
8.
VREF must be maintained during Self Refresh operation. 
9.
An refers to the MSBs of addresseses. An=A13 for x8, and An=A12 for x16. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com