Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46DR16640A Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # 46DR16640A
Description  Clock frequency up to 400MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

46DR16640A Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button 46DR16640A Datasheet HTML 9Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 10Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 11Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 12Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 13Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 14Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 15Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 16Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
IS43/46DR81280A, IS43/46DR16640A  
Integrated Silicon Solution, Inc. – www.issi.com –
13
Rev. D, 08/30/2011
ODT Timing for Active/Standby (Idle) Mode and Standard Active Power‐Down Mode 
CK#
CKE
ODT
CK
RTT
VIH(AC)
VIL(AC)
Internal Term.
Resistance
tIS
tIS
tAON(Min)
tAON(Max)
tAOND
tAOFD
tIS
tAOF(Min)
tAOF(Max)
01
234
5
tIS
~
~
~
~
tANPD
tAXPD
67
Notes: 
1.
Both ODT to Power Down Entry and Exit Latency timing parameter tANPD and tAXPD are met, therefore Non‐Power Down Mode timings have to be applied. 
2.
ODT turn‐on time, tAON(Min) is when the device leaves high impedance and ODT resistance begins to turn on. ODT turn on time max, tAON(Max) is when the 
ODT resistance is fully on. Both are measured from tAOND. 
3.
ODT turn off time min, tAOF(Min), is when the device starts to turn off the ODT resistance. ODT turn off time max, tAOF(Max) is when the bus is in high 
impedance. Both are measured from tAOFD.
ODT Timing for Precharge Power‐Down Mode 
Note: Both ODT to Power Down Endtry and Exit Latencies tANPD and tAXPD are not met, therefore Power‐Down Mode timings have to be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com