Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5393-3.0 Datasheet (PDF) - Micrel Semiconductor

MIC5393-3.0 Datasheet PDF - Micrel Semiconductor
Part # MIC5393-3.0
Download  MIC5393-3.0 Download
File Size   89.44 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Performance Dual 150mA LDO

MIC5393-3.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5393-3.0 Datasheet PDF - Micrel Semiconductor

Part # MIC5393-3.0
Download  MIC5393-3.0 Click to download

File Size   89.44 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Performance Dual 150mA LDO

MIC5393-3.0 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC5393-3.0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5396 MICREL-MIC5396 Datasheet
84Kb / 2P
Low-Power Dual 300mA LDO
logo
Microchip Technology
MIC5396 MICROCHIP-MIC5396 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
logo
Micrel Semiconductor
MIC5396-GMYMX MICREL-MIC5396-GMYMX Datasheet
84Kb / 2P
Low-Power Dual 300mA LDO
logo
Microchip Technology
MIC5396-P4YMT-T5 MICROCHIP-MIC5396-P4YMT-T5 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
MIC5396-P4YMT-TR MICROCHIP-MIC5396-P4YMT-TR Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results


Similar Description - MIC5393-3.0

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
High Performance Low Dropout 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com