Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF10048 Datasheet (PDF) - Ericsson

PTF10048 Datasheet PDF - Ericsson
Part # PTF10048
Download  PTF10048 Download
File Size   233.65 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor

PTF10048 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF10048 Datasheet PDF - Ericsson

Part # PTF10048
Download  PTF10048 Click to download

File Size   233.65 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor

PTF10048 Datasheet (HTML) - Ericsson


PTF10048 Product details

Description
The PTF 10048 is an internally matched 30–watt GOLDMOS FET intended for WCDMA applications from 2.1 to 2.2 GHz. It operates at 40% efficiency with 10.5 dB typical gain. Nitride surface passivation and full gold metallization ensure excellent device lifetime and reliability.

• INTERNALLY MATCHED
• Guaranteed Performance at 2.17 GHz, 28 V
    - Output Power = 30 Watts Min
    - Gain = 10.5 dB Typ at 30 Watts
• Full Gold Metallization
• Silicon Nitride Passivated
• Excellent Thermal Stability
• 100% Lot Traceability




Similar Part No. - PTF10048

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10043 ERICSSON-PTF10043 Datasheet
235Kb / 6P
12 Watts, 1.9-2.0 GHz GOLDMOS Field Effect Transistor
PTF10045 ERICSSON-PTF10045 Datasheet
207Kb / 6P
30 Watts, 1.60-1.65 GHz GOLDMOS Field Effect Transistor
More results


Similar Description - PTF10048

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20235 ERICSSON-PTB20235 Datasheet
127Kb / 5P
70 Watts, 2.1-2.2 GHz Wideband CDMA Power Transistor
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10021 ERICSSON-PTF10021 Datasheet
278Kb / 6P
30 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
PTF10045 ERICSSON-PTF10045 Datasheet
207Kb / 6P
30 Watts, 1.60-1.65 GHz GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10065 ERICSSON-PTF10065 Datasheet
94Kb / 6P
30 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10122 ERICSSON-PTF10122 Datasheet
263Kb / 6P
50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10134 ERICSSON-PTF10134 Datasheet
318Kb / 7P
100 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com