Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF10122 Datasheet (PDF) - Ericsson

PTF10122 Datasheet PDF - Ericsson
Part # PTF10122
Download  PTF10122 Download
File Size   263.22 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor

PTF10122 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF10122 Datasheet PDF - Ericsson

Part # PTF10122
Download  PTF10122 Click to download

File Size   263.22 Kbytes
Page   6 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor

PTF10122 Datasheet (HTML) - Ericsson


PTF10122 Product details

Description
The PTF 10122 is an internally matched common source N-channel enhancement-mode lateral MOSFET intended for WCDMA applications from 2.1 to 2.2 GHz. It is rated at 50 watts power output, with 11 dB of gain. Nitride surface passivation and full gold metallization ensure excellent device lifetime and reliability.

• INTERNALLY MATCHED
• Guaranteed Performance at 2.17 GHz, 28 V
    - Output Power = 50 Watts Min
    - Gain = 11.0 dB Typ
    - Efficiency = 35% Typ
• Full Gold Metallization
• Silicon Nitride Passivated
• Back Side Common Source
• Excellent Thermal Stability
• 100% Lot Traceability




Similar Part No. - PTF10122

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10120 ERICSSON-PTF10120 Datasheet
420Kb / 6P
120 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
PTF10125 ERICSSON-PTF10125 Datasheet
291Kb / 6P
135 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
More results


Similar Description - PTF10122

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10048 ERICSSON-PTF10048 Datasheet
233Kb / 6P
30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10134 ERICSSON-PTF10134 Datasheet
318Kb / 7P
100 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com