Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF10134 Datasheet (PDF) - Ericsson

PTF10134 Datasheet PDF - Ericsson
Part # PTF10134
Download  PTF10134 Download
File Size   318.85 Kbytes
Page   7 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 100 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor

PTF10134 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF10134 Datasheet PDF - Ericsson

Part # PTF10134
Download  PTF10134 Click to download

File Size   318.85 Kbytes
Page   7 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 100 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor

PTF10134 Datasheet (HTML) - Ericsson


PTF10134 Product details

Description
The PTF 10134 is an internally matched GOLDMOS FET intended for WCDMA applications from 2.1 to 2.2 GHz. It is rated at 100 watts power output and operates with 10 dB typical gain. Nitride surface passivation and gold metallization ensure excellent device lifetime and reliability.

• INTERNALLY MATCHED
• Guaranteed Performance at 2.17 GHz, 28 V
    - Output Power = 100 Watts Min
    - Power Gain = 10 dB Typ
• Full Gold Metallization
• Excellent Thermal Stability
• 100% Lot Traceability




Similar Part No. - PTF10134

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10133 ERICSSON-PTF10133 Datasheet
177Kb / 6P
85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10135 ERICSSON-PTF10135 Datasheet
245Kb / 6P
5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10137 ERICSSON-PTF10137 Datasheet
175Kb / 6P
12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10138 ERICSSON-PTF10138 Datasheet
106Kb / 6P
60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
More results


Similar Description - PTF10134

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10007 ERICSSON-PTF10007 Datasheet
235Kb / 6P
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10009 ERICSSON-PTF10009 Datasheet
228Kb / 6P
85 Watts, 1.0 GHz GOLDMOS??Field Effect Transistor
PTF10031 ERICSSON-PTF10031 Datasheet
215Kb / 6P
50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
PTF10048 ERICSSON-PTF10048 Datasheet
233Kb / 6P
30 Watts, 2.1-2.2 GHz, W-CDMA GOLDMOS Field Effect Transistor
PTF10053 ERICSSON-PTF10053 Datasheet
81Kb / 6P
12 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10107 ERICSSON-PTF10107 Datasheet
83Kb / 6P
5 Watts, 2.0 GHz GOLDMOS Field Effect Transistor
PTF10111 ERICSSON-PTF10111 Datasheet
337Kb / 6P
6 Watts, 1.5 GHz GOLDMOS Field Effect Transistor
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10122 ERICSSON-PTF10122 Datasheet
263Kb / 6P
50 Watts WCDMA, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
PTF10136 ERICSSON-PTF10136 Datasheet
205Kb / 7P
6 Watts, 1.0 GHz GOLDMOS Field Effect Transistor
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com