Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH32003 Datasheet (PDF) - Ericsson

PTH32003 Datasheet PDF - Ericsson
Part # PTH32003
Download  PTH32003 Download
File Size   420.34 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 25 Watts, 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid

PTH32003 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH32003 Datasheet PDF - Ericsson

Part # PTH32003
Download  PTH32003 Click to download

File Size   420.34 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 25 Watts, 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid

PTH32003 Datasheet (HTML) - Ericsson


PTH32003 Product details

Description
The PTH 32003 is a high–gain 50–ohm power hybrid intended for applications requiring linear amplification and high gain in the PCS frequency range. The part is designed to operate with 50–ohm source and load impedances and includes bias circuitry with temperature compensation. This device may be used as a high–gain driver or as a final output device. The PTH 32003 simplifies system design and saves space with an overall footprint of 1.21 square inch.

• Performance at 1.930 to 1.990 GHz, VSUPPLY = 26 V, VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V
    - Power Gain = +24 dB Nom.
    - Output Power = 25 Watts (P-1dB) Min
    - Small Signal Flatness = ±0.2 dB Min
• Higher gain available with increased bias voltages
• Optimum performance guaranteed with bias voltages at 8.0 Volts
• Exceptional phase linearity and delay characteristics




Similar Part No. - PTH32003

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTH31002 ERICSSON-PTH31002 Datasheet
206Kb / 5P
30 Watts, 1.9-2.0 GHz 50-Ohm Power Hybrid
More results


Similar Description - PTH32003

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1065-1 MITSUBISHI-MA1065-1 Datasheet
43Kb / 1P
For 1.9 GHz - High Power Amplifier
logo
Motorola, Inc
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Ericsson
PTB20175 ERICSSON-PTB20175 Datasheet
579Kb / 4P
55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PTB20193 ERICSSON-PTB20193 Datasheet
519Kb / 3P
60 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTB20264 ERICSSON-PTB20264 Datasheet
617Kb / 3P
10 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTF10043 ERICSSON-PTF10043 Datasheet
235Kb / 6P
12 Watts, 1.9-2.0 GHz GOLDMOS Field Effect Transistor
PTH31002 ERICSSON-PTH31002 Datasheet
206Kb / 5P
30 Watts, 1.9-2.0 GHz 50-Ohm Power Hybrid
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
1.9 GHz Power Amplifier
logo
Mitsubishi Electric Sem...
MGFL45V1920A MITSUBISHI-MGFL45V1920A_11 Datasheet
124Kb / 3P
1.9-2.0 GHz BAND / 32W
MGFL48V1920 MITSUBISHI-MGFL48V1920_11 Datasheet
321Kb / 5P
1.9-2.0 GHz BAND / 60W
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com