Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH32003 Datasheet(PDF) 3 Page - Ericsson

Part # PTH32003
Description  25 Watts, 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTH32003 Datasheet(HTML) 3 Page - Ericsson

  PTH32003 Datasheet HTML 1Page - Ericsson PTH32003 Datasheet HTML 2Page - Ericsson PTH32003 Datasheet HTML 3Page - Ericsson PTH32003 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PTH 32003
3
e
Supply Current vs. Supply Voltage
550
575
600
625
650
675
700
20
22
24
26
28
30
Supply Voltage (Volts)
VBIAS(1) = 8.0 V
VBIAS(2) = 8.0 V
Supply Current vs. Bias Voltage
0
200
400
600
800
1000
56
78
9
10
Bias Voltage (Volts)
VDS = 26 V
1st Stage Bias
2nd Stage Bias
-60
-50
-40
-30
-20
-10
0
5
1015202530
Output Power (Watts PEP)
IMD vs. Output Power
VDS = 26 V
VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V
f1 = 1.9600 GHz, f2 = 1.9601 GHz
3rd Order
7th
5th
-60
-50
-40
-30
-20
-10
0
5
1015
2025
30
Output Power (Watts PEP)
IMD vs. Output Power
VDS = 26 V
VBIAS(1) = 8.0 V, VBAIS(2) = 8.0 V
f1 = 1.9300 GHz, f2 = 1.9301 GHz
3rd Order
7th
5th
-80
-70
-60
-50
-40
-30
-20
-10
0
5
1015
202530
Output Power (Watts PEP)
IMD vs. Output Power
3rd Order
7th
5th
VDS = 26 V
VBIAS(1) = 8.0 V, VBAIS(2) = 8.0 V
f1 = 1.9900 GHz, f2 = 1.9901 GHz
Typical Performance (cont.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com