Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH32003 Datasheet(PDF) 1 Page - Ericsson

Part # PTH32003
Description  25 Watts, 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTH32003 Datasheet(HTML) 1 Page - Ericsson

  PTH32003 Datasheet HTML 1Page - Ericsson PTH32003 Datasheet HTML 2Page - Ericsson PTH32003 Datasheet HTML 3Page - Ericsson PTH32003 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
e
1
PTH 32003
25 Watts, 1.9–2.0 GHz
50-Ohm High-Gain Power Hybrid
Package J
Typical Output Power vs. Input Power
0
5
10
15
20
25
30
0.00
0.05
0.10
0.15
0.20
Input Power (Watts)
VSUPPLY = 26 V
VBIAS(1) = 8.0 V
VBIAS(2) = 8.0 V
f = 1.93 GHz
f = 1.96 GHz
f = 1.99 GHz
Description
The PTH 32003 is a high–gain 50–ohm power hybrid intended for
applications requiring linear amplification and high gain in the PCS
frequency range. The part is designed to operate with 50–ohm source
and load impedances and includes bias circuitry with temperature
compensation. This device may be used as a high–gain driver or as a
final output device. The PTH 32003 simplifies system design and saves
space with an overall footprint of 1.21 square inch.
• Performance at 1.930 to 1.990 GHz,
VSUPPLY = 26 V, VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V
- Power Gain = +24 dB Nom.
- Output Power = 25 Watts (P-1dB) Min
- Small Signal Flatness = ±0.2 dB Min
•
Higher gain available with increased bias
voltages
•
Optimum performance guaranteed with bias
voltages at 8.0 Volts
•
Exceptional phase linearity and delay
characteristics
e
32003
A-1234560015
Performance Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Frequency Range
VDS (Nom.) = 26
f
1930
—
1990
MHz
Output Power at 1 dB Compressed
VDS (Nom.) = 26, VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V
P-1dB
25
30
—
W
Input VSWR
VDS (Nom.) = 26, VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V
y
—
1.2:1
1.5:1
—
Small Signal Gain
VDS (Nom.) = 26 V, VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V,
Pg
+23
+24
—
dB
IDQ(1) = 270 mA, IDQ(2) = 360 mA
Gain Flatness
VDS (Nom.) = 26 V, VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V
—
±0.2
±0.15
—
dB


Similar Part No. - PTH32003

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTH31002 ERICSSON-PTH31002 Datasheet
206Kb / 5P
30 Watts, 1.9-2.0 GHz 50-Ohm Power Hybrid
More results

Similar Description - PTH32003

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1065-1 MITSUBISHI-MA1065-1 Datasheet
43Kb / 1P
For 1.9 GHz - High Power Amplifier
logo
Motorola, Inc
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Ericsson
PTB20175 ERICSSON-PTB20175 Datasheet
579Kb / 4P
55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PTB20193 ERICSSON-PTB20193 Datasheet
519Kb / 3P
60 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTB20264 ERICSSON-PTB20264 Datasheet
617Kb / 3P
10 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTF10043 ERICSSON-PTF10043 Datasheet
235Kb / 6P
12 Watts, 1.9-2.0 GHz GOLDMOS Field Effect Transistor
PTH31002 ERICSSON-PTH31002 Datasheet
206Kb / 5P
30 Watts, 1.9-2.0 GHz 50-Ohm Power Hybrid
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
1.9 GHz Power Amplifier
logo
Mitsubishi Electric Sem...
MGFL45V1920A MITSUBISHI-MGFL45V1920A_11 Datasheet
124Kb / 3P
1.9-2.0 GHz BAND / 32W
MGFL48V1920 MITSUBISHI-MGFL48V1920_11 Datasheet
321Kb / 5P
1.9-2.0 GHz BAND / 60W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com