Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH32003 Datasheet(PDF) 2 Page - Ericsson

Part # PTH32003
Description  25 Watts, 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTH32003 Datasheet(HTML) 2 Page - Ericsson

  PTH32003 Datasheet HTML 1Page - Ericsson PTH32003 Datasheet HTML 2Page - Ericsson PTH32003 Datasheet HTML 3Page - Ericsson PTH32003 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTH 32003
2
e
Power Gain vs. Power Output
23
24
25
26
0
5
10
15
20
25
30
Power Output (Watts)
1.93 GHz
1.96 GHz
1.99 GHz
VSUPPLY = 26 V
VBIAS(1) = 8.0 V
VBIAS(2) = 8.0 V
Phase Linearity vs. Frequency
0
5
10
15
20
1.85
1.90
1.95
2.00
2.05
Frequency (GHz)
VSUPPLY = 26 V
VBIAS(1) = 8.0 V
VBIAS(2) = 8.0 V
Typical Performance
0
10
20
30
40
0
5
10
15
20
25
30
Output Power (W)
f = 1.93 GHz
f = 1.96 GHz
f = 1.99 GHz
VSUPPLY = 26 V
VBIAS(1) = 8.0 V
VBIAS(2) = 8.0 V
Power Added Efficiency vs. Output Power
Small Signal Gain and Return Loss
vs. Frequency
19
21
23
25
27
1.86
1.91
1.96
2.01
2.06
Frequency (GHz)
-26
-22
-18
-14
-10
-6
-2
2
6
Small Signal Gain
Return Loss
VSUPPLY = 26 V
VBIAS(1) = 8.0 V, VBIAS(2) = 8.0 V
Small Signal Delay vs. Frequency
2.0
2.5
3.0
3.5
4.0
1.85
1.9
1.95
2
2.05
Frequency (GHz)
VSUPPLY = 26 V
VBIAS(1) = 8.0 V
VBIAS(2) = 8.0 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com