Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P50-040S-R1-TG Datasheet (PDF) - 3M Electronics

P50-040S-R1-TG Datasheet PDF - 3M Electronics
Part # P50-040S-R1-TG
Download  P50-040S-R1-TG Download
File Size   486.37 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description High density connectors with up to 200 contacts

P50-040S-R1-TG Datasheet (PDF)

Go To PDF Page Download Datasheet
P50-040S-R1-TG Datasheet PDF - 3M Electronics

Part # P50-040S-R1-TG
Download  P50-040S-R1-TG Click to download

File Size   486.37 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description High density connectors with up to 200 contacts

P50-040S-R1-TG Datasheet (HTML) - 3M Electronics


P50-040S-R1-TG Product details

Features
■ Current Rating: 0.5 A
■ Insulation Resistance: 103 MΩmin. at 500 VDC
■ Withstanding Voltage 650 VAC for 1 minute Environmental
■ Temperature Rating: -55°C to +85°C UL File No.: E68080




Similar Part No. - P50-040S-R1-TG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P50-050P-R1-EA 3M-P50-050P-R1-EA Datasheet
2Mb / 6P
3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
November 11, 2006
P50-068-DDS-EA 3M-P50-068-DDS-EA Datasheet
984Kb / 6P
050 Straight and Right Angle, Cable Mount
P50-080P-R1-EA 3M-P50-080P-R1-EA Datasheet
1Mb / 7P
3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
February 10, 2010
P50-080S-R1-EA 3M-P50-080S-R1-EA Datasheet
2Mb / 6P
3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
November 11, 2006
More results


Similar Description - P50-040S-R1-TG

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
HIGH DENSITY MINIATURE CONNECTORS
logo
ADL Embedded Solutions
MSMG104EX-A ADL-MSMG104EX-A Datasheet
200Kb / 1P
Up to 16 Inputs with Vertical Connectors
logo
List of Unclassifed Man...
780-MYY-113RYY1 ETC2-780-MYY-113RYY1 Datasheet
329Kb / 4P
MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
High Density Connectors High Density Steckverbinder
logo
Murata Manufacturing Co...
935124421610-XXA MURATA1-935124421610-XXA Datasheet
228Kb / 2P
Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124422622-XXA MURATA1-935124422622-XXA Datasheet
228Kb / 2P
Ultra High operating temperature- ETSC: up to 200?
Last updated06/13/2022
935124424710-XXA MURATA1-935124424710-XXA Datasheet
228Kb / 2P
l Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124425722-XXA MURATA1-935124425722-XXA Datasheet
228Kb / 2P
l Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124427747-XXA MURATA1-935124427747-XXA Datasheet
228Kb / 2P
Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124730347-XXA MURATA1-935124730347-XXA Datasheet
228Kb / 2P
l Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com