Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P50-040S-R1-TG Datasheet(PDF) 3 Page - 3M Electronics

Part # P50-040S-R1-TG
Description  High density connectors with up to 200 contacts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

P50-040S-R1-TG Datasheet(HTML) 3 Page - 3M Electronics

  P50-040S-R1-TG Datasheet HTML 1Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 2Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 3Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 4Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 5Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MPak 50 Boardmount Plug
.050″ Straight and Right Angle Maxi-Mate
P50 Series
TS-2049-01
Sheet 3 of 5
Right Angle without Flanges and with Retention Clips
Product Table / Dimensions for Straight and Right Angle without Flanges and with Retention Clips
Contact
Quantity
AB
C
D
E
F
G
H
120
86.50
84.50
81.87
79.17
77.47
24.13
49.53
83.82
[3.406]
[3.327]
[3.223]
[3.117]
[3.050]
[0.950]
[1.950] [3.300]
140
99.20
97.20
94.57
91.87
90.17
24.13
62.23
96.52
[3.906]
[3.827]
[3.723]
[3.617]
[3.550]
[0.950]
[2.450] [3.800]
160
111.90
109.90
107.27
104.57
102.87
36.83
62.23
109.22
[4.406]
[4.327]
[4.223]
[4.117]
[4.050]
[1.450]
[2.450] [4.300]
180
124.60
122.60
119.97
117.27
115.57
49.53
62.23
121.92
[4.906]
[4.827]
[4.723]
[4.617]
[4.550]
[1.950]
[2.450] [4.800]
200
137.30
135.30
132.67
129.97
128.27
62.23
62.23
134.62
[5.406]
[5.327]
[5.223]
[5.117]
[5.050]
[2.450]
[2.450] [5.300]
Note:
These connectors do not have a symmetrical board layout pattern. The 120 pin connectors have 80 pins on one
side and 40 pins on the other. All other pin counts have 100 pins on one side and the balance on the other side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com