Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P50-040S-R1-TG Datasheet(PDF) 1 Page - 3M Electronics

Part # P50-040S-R1-TG
Description  High density connectors with up to 200 contacts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

P50-040S-R1-TG Datasheet(HTML) 1 Page - 3M Electronics

  P50-040S-R1-TG Datasheet HTML 1Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 2Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 3Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 4Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 5Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MPak 50 Boardmount Plug
.050″ Straight and Right Angle Maxi-Mate
P50 Series
TS-2049-01
Sheet 1 of 5
Date Modified: March 10, 2003
S
High density connectors with up to 200
contacts
S
Horizontal, parallel and vertical mating
availability
S
Insulator designed to prevent mating
misalignment
Physical
Insulation
Material: Glass Filled Nylon
Flammability: UL 94V-0
Color: Black
Contact
Material: Phosphor Bronze
Plating
Underplating: Nickel
Wiping Area: See Ordering Information
Solder Tails: Tin Alloy over Nickel
Electrical
Current Rating: 0.5 A
Insulation Resistance: 103 MΩ min. at 500 VDC
Withstanding Voltage 650 VAC for 1 minute
Environmental
Temperature Rating: --55°Cto+85°C
UL File No.: E68080


Similar Part No. - P50-040S-R1-TG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P50-050P-R1-EA 3M-P50-050P-R1-EA Datasheet
2Mb / 6P
3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
November 11, 2006
P50-068-DDS-EA 3M-P50-068-DDS-EA Datasheet
984Kb / 6P
050 Straight and Right Angle, Cable Mount
P50-080P-R1-EA 3M-P50-080P-R1-EA Datasheet
1Mb / 7P
3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
February 10, 2010
P50-080S-R1-EA 3M-P50-080S-R1-EA Datasheet
2Mb / 6P
3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
November 11, 2006
More results

Similar Description - P50-040S-R1-TG

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
HIGH DENSITY MINIATURE CONNECTORS
logo
ADL Embedded Solutions
MSMG104EX-A ADL-MSMG104EX-A Datasheet
200Kb / 1P
Up to 16 Inputs with Vertical Connectors
logo
List of Unclassifed Man...
780-MYY-113RYY1 ETC2-780-MYY-113RYY1 Datasheet
329Kb / 4P
MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
High Density Connectors High Density Steckverbinder
logo
Murata Manufacturing Co...
935124421610-XXA MURATA1-935124421610-XXA Datasheet
228Kb / 2P
Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124422622-XXA MURATA1-935124422622-XXA Datasheet
228Kb / 2P
Ultra High operating temperature- ETSC: up to 200?
Last updated06/13/2022
935124424710-XXA MURATA1-935124424710-XXA Datasheet
228Kb / 2P
l Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124425722-XXA MURATA1-935124425722-XXA Datasheet
228Kb / 2P
l Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124427747-XXA MURATA1-935124427747-XXA Datasheet
228Kb / 2P
Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124730347-XXA MURATA1-935124730347-XXA Datasheet
228Kb / 2P
l Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com