Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P50-040S-R1-TG Datasheet(PDF) 2 Page - 3M Electronics

Part # P50-040S-R1-TG
Description  High density connectors with up to 200 contacts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

P50-040S-R1-TG Datasheet(HTML) 2 Page - 3M Electronics

  P50-040S-R1-TG Datasheet HTML 1Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 2Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 3Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 4Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 5Page - 3M Electronics P50-040S-R1-TG Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MPak 50 Boardmount Plug
.050″ Straight and Right Angle Maxi-Mate
P50 Series
P50 - XXXP - XXX - XXXX
TS-2049-01
Sheet 2 of 5
Ordering Information
Plating Options:
TGF = 2 µ″ [0.05 µm]min. Gold
TG = 10 µ″ [0.25 µm]min. Gold
TG30 = 30 µ″ [0.75 µm]min. Gold
Solder Tail, Flange and Clip Options:
S1 = Straight, with Flanges, without Retention Clips
SR1 = Right Angle, with Flanges, without Retention Clips
R1 = Straight, without Flanges, with Retention Clips
RR1 = Right Angle, without Flanges, with Retention Clips
Contact Quantity
See Table
Straight without Flanges and with Retention Clips



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com