Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC59P50BV Datasheet (PDF) - Micrel Semiconductor

MIC59P50BV Datasheet PDF - Micrel Semiconductor
Part # MIC59P50BV
Download  MIC59P50BV Download
File Size   98.76 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Parallel-Input Protected Latched Driver

MIC59P50BV Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC59P50BV Datasheet PDF - Micrel Semiconductor

Part # MIC59P50BV
Download  MIC59P50BV Click to download

File Size   98.76 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Parallel-Input Protected Latched Driver

MIC59P50BV Datasheet (HTML) - Micrel Semiconductor


MIC59P50BV Product details

General Description
The MIC59P50 parallel-input latched driver is a high-voltage (80V), high-current (500mA) integrated circuit comprised of eight CMOS data latches, a bipolar Darlington transistor driver for each latch, and CMOS control circuitry for the common CLEAR, STROBE, and OUTPUT ENABLE functions. Similar to the MIC5801, additional protection circuitry supplied on this device includes thermal shutdown, undervoltage lockout (UVLO), and overcurrent shutdown.

Features
• 4.4MHz minimum data input rate
• High-voltage, high-current outputs
• Per-output overcurrent shutdown (500mA typical)
• Undervoltage lockout
• Output fault flag
• Output transient protection diodes
• CMOS, PMOS, NMOS, and TTL-compatible inputs
• Internal pull-down resistors
• Low-power CMOS latches
• Single or split supply operation




Similar Part No. - MIC59P50BV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P50BV MICREL-MIC59P50BV Datasheet
95Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50BV MICREL-MIC59P50BV Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
More results


Similar Description - MIC59P50BV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
95Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com