Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR106 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BFR106 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BFR106
Download  BFR106 Download
File Size   73.76 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN RF Transistor

BFR106 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR106 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BFR106
Download  BFR106 Click to download

File Size   73.76 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN RF Transistor

BFR106 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BFR106 Product details

DESCRIPTION
• Low Noise Figure
   NF = 2.5 dB TYP. @VCE = 8 V, IC = 20 mA, f = 900 MHz
• High Gain
   ︱ S21e︱ 2 = 10.5 dB TYP. @VCE= 8 V,IC = 70 mA,f = 900 MHz

APPLICATIONS
• Designed for use in low noise ,high-gain amplifiers and linear broadband amplifiers.




Similar Part No. - BFR106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR106 PHILIPS-BFR106 Datasheet
63Kb / 8P
NPN 5 GHz wideband transistor
September 1995
logo
Siemens Semiconductor G...
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR106 INFINEON-BFR106 Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
BFR106 INFINEON-BFR106 Datasheet
523Kb / 9P
NPN Silicon RF Transistor
2010-12-03
logo
NXP Semiconductors
BFR106 NXP-BFR106 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BFR106

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com