Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20 Datasheet (PDF) - Holtek Semiconductor Inc

HT47C20 Datasheet PDF - Holtek Semiconductor Inc
Part # HT47C20
Download  HT47C20 Download
File Size   352.5 Kbytes
Page   56 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT47C20 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT47C20 Datasheet PDF - Holtek Semiconductor Inc

Part # HT47C20
Download  HT47C20 Click to download

File Size   352.5 Kbytes
Page   56 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT47C20 Datasheet (HTML) - Holtek Semiconductor Inc


HT47C20 Product details

General Description
The HT47C20 is an 8-bit high performance RISC-like microcontroller. Its single cycle instruction and two-stage pipeline architecture make high speed applications. The device is suited for use in multiple LCD low power applications among which are calculators, clock timers, games, scales, toys, thermometers, hygrometers, body thermometers, capacitor scaler, other hand held LCD products, and battery systems in particular.

Features
• Operating voltage: 2.4V~3.6V
• Eight bidirectional I/O lines
• Four input lines
• One interrupt input
• One 16-bit programmable timer/event counter with PFD (programmable frequency divider) function
• On-chip crystal and RC oscillator for system clock
• One 32.768kHz crystal oscillator for real time clock
• Watchdog Timer
• 2Kx16 program memory ROM
• 64x8 data memory RAM
• One Real Time Clock (RTC)
• One 8-bit prescaler for RTC
• One buzzer output
• HALT function and wake-up feature reduce power consumption
• LCD bias C type
• One LCD driver with 20x3 or 19x4 segments
• One 38kHz or 40kHz IR carrier output (455kHz or 480kHz system clock only)
• Two channels RC type A/D converter
• Four-level subroutine nesting
• Bit manipulation instruction
• 16-bit table read instruction
• Up to 8.3μs instruction cycle with 480kHz system clock
• All instructions in one or two machine cycles
• 63 powerful instructions
• 64-pin QFP package




Similar Part No. - HT47C20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C20 HOLTEK-HT47C20 Datasheet
348Kb / 46P
8-Bit R-F Type Mask MCU
July 26, 2002
HT47C20-1 HOLTEK-HT47C20-1 Datasheet
314Kb / 43P
R-F Type 8-Bit MCU
June 14, 2005
HT47C20-1 HOLTEK-HT47C20-1_08 Datasheet
294Kb / 41P
R-F Type 8-Bit MCU
HT47C20L HOLTEK-HT47C20L Datasheet
341Kb / 55P
8-Bit Microcontroller
January 18, 2000
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
R-F Type Low Voltage 8-Bit Mask MCU
December 2, 2005
More results


Similar Description - HT47C20

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com