Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Pad No.
Pad Name
I/O
Mask
Option
Function
54
VDD
¾¾
Positive power supply
55
56
OSC2
OSC1
O
I
Crystal or
RC
OSC1 and OSC2 are connected to an RC network or a
crystal (by mask option) for the internal system clock.
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 5.5V
Input Voltage.................VSS-0.3V to VDD+0.3V
Storage Temperature.................-50°Cto125°C
Operating Temperature ..............-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3
3.6
V
IDD1
Operating Current
(Crystal OSC)
3V No load, fSYS=455kHz
A/D Off
¾
0.2
0.4
mA
IDD2
Operating Current (RC OSC)
3V No load, fSYS=455kHz
A/D Off
¾
0.2
0.4
mA
ISTB1
Standby Current
(32.768kHz Crystal Oscillator
Enable, LCD Off)
3V No load, system Halt
¾¾
3
mA
ISTB2
Standby Current
(32.768kHz Crystal Oscillator
Enable, LCD On)
3V No load, system Halt
¾¾
5
mA
ISTB3
Standby Current
(Watchdog RC Oscillator
Enable, LCD Off)
3V No load, system Halt
¾¾
7
mA
ISTB4
Standby Current
(Watchdog RC Oscillator
Enable, LCD On)
3V No load, system Halt
¾¾
10
mA
ISTB5
Standby Current
(32.768kHz Crystal and
Watchdog RC Oscillator Both
Disabled, LCD Off)
3V No load, system Halt
¾¾
1
mA
HT47C20
6
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com