Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT47C20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Pad Description
Pad No.
Pad Name
I/O
Mask
Option
Function
1
RES
I
¾
Schmitt trigger reset input. Active low.
2
3
4
5
6~9
PA0/BZ
PA1/BZ
PA2/IR
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high
or None
CMOS or
NMOS
Bidirectional 8-bit input/output port. The low nibble
of the PA can be configured as CMOS output or
NMOS output with or without pull-high resistors
(mask option). NMOS output can be configured as
schmitt trigger input with or without pull-high resis-
tors. Each bit of NMOS output can be configured as
wake up input by mask option. Of the eight bits,
PA0~PA1 can be set as I/O pins or buzzer outputs by
mask option. PA2 can be set as an I/O pin or an IR
carrier output also by mask option. PA3 can be set as
an I/O pin or a PFD output also by mask option.
10
11
12
13
PB0/INT
PB1
PB2/TMR
PB3
I
¾
Four-bit Schmitt trigger input port. The PB is config-
ured as with pull-high resistors. Of the four bits, PB0
can be set as an input pin or an external interrupt in-
put pin (INT) by software application. While PB2 can
be set as an input pin or a timer/event counter input
pin also by software application.
14
VSS
¾¾
Negative power supply, GND
18
17
16
15
IN1
CS1
RS1
RT1
I
O
O
O
¾
Oscillation input pin of channel 1
Reference capacitor connection pin of channel 1
Reference resistor connection pin of channel 1
Resistor sensor connection pin for measurement of
channel 1
23
22
21
20
19
IN0
CS0
RS0
CRT0
RT0
I
O
O
O
O
¾
Oscillation input pin of channel 0
Reference capacitor connection pin of channel 0
Reference resistor connection pin of channel 0
Resistor/capacitor sensor connection pin for mea-
surement of channel 0
Resistor sensor connection pin for measurement of
channel 0
27
26~24
SEG19/COM3
COM2~COM0
O
1/3 or 1/4
Duty
SEG19/COM3 can be set as a segment or a common
output driver for LCD panel by mask option.
COM2~COM0 are outputs for LCD panel plate.
28~46
SEG18~SEG0
O
¾
LCD driver outputs for LCD panel segments
49, 48, 47
51, 50
V1, V2, V3
C1, C2
¾¾
Voltage pump
52
53
OSC4
OSC3
O
I
¾
Real time clock oscillators
HT47C20
5
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com