Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 39Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 40Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 41Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 42Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 43Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 44Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 45Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 46Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
CPLA [m]
Complement data memory-place result in accumulator
Description
Each bit of the specified data memory is logically complemented (1 s
complement). Bits which previously contained a one are changed to zero
and vice-versa. The complemented result is stored in the accumulator
and the contents of the data memory remains unchanged.
Operation
ACC ¬ [m]
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
DAA [m]
Decimal-Adjust accumulator for addition
Description
The accumulator value is adjusted to the BCD(Binary Code Decimal)
code. The accumulator is divided into two nibbles. Each nibble is ad-
justed to the BCD code and an internal carry (AC1) will be done if the low
nibble of the accumulator is greater than 9. The BCD adjustment is done
by adding 6 to the original value if the original value is greater than 9 or
a carry (AC or C) is set; otherwise the original value remains unchanged.
The result is stored in the data memory and only the carry flag (C) may
be affected.
Operation
If (ACC.3~ACC.0) >9 or AC=1
then ([m].3~[m].0) ¬ (ACC.3~ACC.0)+6, AC1=AC
else ([m].3~[m].0) ¬ (ACC.3~ACC.0), AC1=0
If (ACC.7~ACC.4)+AC1 >9 or C=1
then ([m].7~[m].4) ¬ (ACC.7~ACC.4)+6+AC1, C=1
else ([m].7~[m].4) ¬ (ACC.7~ACC.4)+AC1, C=C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾
Ö
DEC [m]
Decrement data memory
Description
Data in the specified data memory is decremented by one.
Operation
[m] ¬ [m]-1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HT47C20
43
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com