Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
ISTB6
Standby Current
(A/D On, *R=5kW, *f=500kHz) 3V No load, system Halt
¾
600 1200 mA
VIL1
Input Low Voltage for I/O
Ports
3V
¾
0
¾
0.9
V
VIH1
Input High Voltage for I/O
Ports
3V
¾
2.1
¾
3V
VIL2
Input Low Voltage (RES)3V 0.5VDD
0
¾
1.5
V
VIL3
Input Low Voltage (INT, TMR) 3V 0.3VDD
0
¾
0.9
V
VIH2
Input High Voltage
(RES, INT, TMR)
3V 0.8VDD
2.4
¾
3V
IOL
I/O Port Sink Current
3V VOL=0.3V
2
3.5
¾
mA
IOH
I/O Port Source Current
3V VOH=2.7V
-1
-1.5
¾
mA
IOL1
Common 0~3 Output Sink
Current
3V VOL=0.3V (1/2 bias)
50
100
¾mA
IOH1
Common 0~3 Output Source
Current
3V VOH=2.7V (1/2 bias)
-50 -100
¾mA
IOL2
Segment 0~19 Output Sink
Current
3V VOL=0.3V (1/2 bias)
15
30
¾mA
IOH2
Segment 0~19 Output Source
Current
3V VOH=2.7V (1/2 bias)
-15 -30
¾mA
IOL3
Common 0~3 Output Sink
Current
3V VOL=0.45V (1/3 bias)
100 180
¾mA
IOH3
Common 0~3 Output Source
Current
3V VOH=4.05V (1/3 bias)
-100 -180
¾mA
IOL4
Segment 0~19 Output Sink
Current
3V VOL=0.45V (1/3 bias)
20
40
¾mA
IOH4
Segment 0~19 Output Source
Current
3V VOH=4.05V (1/3 bias)
-20 -40
¾mA
IOL5
RC Oscillation Output Sink
Current
3V VOL=0.3V
510
¾
mA
IOH5
RC Oscillation Output Source
Current
3V VOH=2.7V
-5
-10
¾
mA
RPH
Pull-high Resistance of I/O
Ports and INT
3V
¾
40
60
80
kW
Note: *R means the resistance of RC type A/D converter
*f means the frequency of RC type A/D converter
HT47C20
7
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com