Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC2500 Datasheet (PDF) - Agilent(Hewlett-Packard)

LSC2500 Datasheet PDF - Agilent(Hewlett-Packard)
Part # LSC2500
Download  LSC2500 Download
File Size   130.59 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2.488 Gb/s DFB Laser Module with Integral Optical Isolator

LSC2500 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSC2500 Datasheet PDF - Agilent(Hewlett-Packard)

Part # LSC2500
Download  LSC2500 Click to download

File Size   130.59 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2.488 Gb/s DFB Laser Module with Integral Optical Isolator

LSC2500 Datasheet (HTML) - Agilent(Hewlett-Packard)


LSC2500 Product details

Description
LSC2500 laser modules are highly reliable fiber optic light sources operating in the 1550 nanometer band. The internal DFB lasers are based upon InGaAs ridge waveguide Multi Quantum Well technology and fabricated by the Metal Organic Vapor Phase Epitaxy (MOVPE) process, resulting in long lifetimes and modest threshold currents.
The LSC2500 package includes a photodiode for monitoring the laser output, a thermistor for monitoring laser heatsink temperature, and a Peltier effect thermoelectric cooler (TEC). A heatsink mounting flange is incorporated into the industry standard 14 PIN package.
The LSC2500 also has 30 dB of optical isolation which is temperature controlled to maintain isolation over the full operating temperature range.

Features
• Center Wavelength Between 1535 nm and 1565 nm
• Modulation Capability up to 2.488 Gb/s
• 30 dB Internal Optical Isolation
• 25 Ω Impedance Matched
• Wide Operating Temperature Range: -20°C to +65°C
• Industry Standard Hermetic 14 PIN Butterfly Package

Applications
• Telecommunications
• Fiber Optic Sensors
• Cable Television
• Military Communications and Control Systems
• Instrumentation




Similar Part No. - LSC2500

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
LSC250NR MSPI-LSC250NR Datasheet
144Kb / 1P
Voltage Rating 60 to 250 VAC/DC
More results


Similar Description - LSC2500

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20401 ERICSSON-PGT20401 Datasheet
304Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20403 ERICSSON-PGT20403 Datasheet
316Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20404 ERICSSON-PGT20404 Datasheet
305Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20405 ERICSSON-PGT20405 Datasheet
297Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20406 ERICSSON-PGT20406 Datasheet
304Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com