Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC2500 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # LSC2500
Description  2.488 Gb/s DFB Laser Module with Integral Optical Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2500 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  LSC2500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
561
LSC2500 Typical Operating Characteristics
0
4.5
0
10
40
60
100
5.0
1.5
DRIVE CURRENT (mA)
30
20
50
4.0
3.5
3.0
2.5
2.0
1.0
0.5
70 80 90
0
-10
-30
1000
4000
6000 7000
0
-20
FREQUENCY (MHz)
3000
2000
5000
0
3500
0
10
40
60
100
4000
500
DRIVE CURRENT (mA)
30
20
50
3000
2500
2000
1500
1000
70 80 90
0
3500
0
200
600
1000
1600
4000
500
MONITOR CURRENT (µA)
400
800
3000
2500
2000
1500
1000
1200 1400
1534
70
0
1536
1540
1542
1544
100
90
30
20
WAVELENGTH (nm)
1538
50
80
60
40
10
1546
1548
1550
1552
1556
1554
PRODUCT TYPE
: LSC2500
MODULATION BIT RATE
: 2.488 Gb/s
MODULATION DEPTH
: 12% EXTINCTION RATIO
THRESHOLD CURRENT (Ith)
mA
16.00
FORWARD VOLTAGE AT 3000
µW
V
2.26
POWER AT Ith + 40 mA
µW
1956.00
MONITOR CURRENT AT 2000
µW
µA
629.39
PEAK WAVELENGTH (12% XR)
nm
1545.04
SIDEMODE SUPPRESSION
dB
45.99
SENSITIVITY (B-B) IE-10
dB
-29.69
SENSITIVITY (B-B) IE-4
dB
-33.27
SENSITIVITY (106 Km) IE-10
dB
-28.28
SENSITIVITY (106 Km) IE-4
dB
-32.34
Ssat
75.40
Svar
5.83



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com