Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC2500 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # LSC2500
Description  2.488 Gb/s DFB Laser Module with Integral Optical Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2500 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  LSC2500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
559
2.488 Gb/s DFB Laser Module
with Integral Optical Isolator
Technical Data
LSC2500
Features
• Center Wavelength Between
1535 nm and 1565 nm
• Modulation Capability up to
2.488 Gb/s
• 30 dB Internal Optical
Isolation
• 25
Ω Impedance Matched
• Wide Operating
Temperature Range: -20
°C to
+65
°C
• Industry Standard Hermetic
14 PIN Butterfly Package
Applications
• Telecommunications
• Fiber Optic Sensors
• Cable Television
• Military Communications
and Control Systems
• Instrumentation
Description
LSC2500 laser modules are
highly reliable fiber optic light
sources operating in the
1550 nanometer band. The
internal DFB lasers are based
upon InGaAs ridge waveguide
Multi Quantum Well technology
and fabricated by the Metal
Organic Vapor Phase Epitaxy
(MOVPE) process, resulting in
long lifetimes and modest
threshold currents.
The LSC2500 package includes a
photodiode for monitoring the
laser output, a thermistor for
monitoring laser heatsink
temperature, and a Peltier effect
thermoelectric cooler (TEC). A
heatsink mounting flange is
incorporated into the industry
standard 14 PIN package.
The LSC2500 also has 30 dB of
optical isolation which is
temperature controlled to
maintain isolation over the full
operating temperature range.
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
5965-8213E (4/97)


Similar Part No. - LSC2500

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
LSC250NR MSPI-LSC250NR Datasheet
144Kb / 1P
Voltage Rating 60 to 250 VAC/DC
More results

Similar Description - LSC2500

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20401 ERICSSON-PGT20401 Datasheet
304Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20403 ERICSSON-PGT20403 Datasheet
316Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20404 ERICSSON-PGT20404 Datasheet
305Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20405 ERICSSON-PGT20405 Datasheet
297Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
PGT20406 ERICSSON-PGT20406 Datasheet
304Kb / 4P
DFB/EA Laser Module for 10 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com