Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC2500 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # LSC2500
Description  2.488 Gb/s DFB Laser Module with Integral Optical Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2500 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  LSC2500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
562
Parameter
Minimum
Maximum
Units
Laser Forward Current
-
150
mA
Laser Reverse Voltage
-
3.0
V
Photodiode Forward Current
-
1
mA
Photodiode Reverse Voltage (Vr)
-
–10
V
Fiber Pull Strength
-
10
N
Operating Temperature (Case)
–20
+65
°C
Storage Temperature
–40
+85
°C
Mechanical Shock
MIL-STD-883, Method 2002, Test Condition B
Vibration
MIL-STD-883, Method 2007, Test Condition A
TEC Current
-
1.1
A
TEC Voltage
-
3.0
V
Absolute Maximum Ratings at +25
°C
Absolute limiting (maximum) ratings mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods,
provided that each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be
assumed that limiting values of more than one parameter can be applied to the product at the same time.
Performance Specifications – Laser[1]
Parameter
Minimum
Typical
Maximum
Units
Threshold Current (Ith)
10
-
30
mA
Slope Efficiency[3]
0.02
0.05
0.12
mW/mA
Rise Time: 10% to 90%
-
-
0.12
ns
Fall Time: 90% to 10%
-
-
0.12
ns
Peak Wavelength
1535
-
1565
nm
Spectral Width (–30 dB) Modulated
-
-
0.6
nm
Temperature Dependence of Peak Wavelength
-
0.10
-
nm/
°C
Sidemodes (Modulated)[2]
-
-
–34
dB
Dispersion Penalty (1800 ps/nm)[2]
-
-
1.5
dB
Tracking Error +65
°C Case, +25°C Chip[4]
-
-
0.5
dB
–20
°C Case, +25°C Chip
-
-
0.5
dB
Flatness of Frequency Response to 3 GHz
-
-
± 1.5
dB
Cut Off Frequency
3.5
4.3
-
GHz
Notes:
1. At +25
°C and Pf = 2 mW unless otherwise specified.
2. Measured at PRBS 223-1, 2.488 Gb/s, 12% extinction.
3. Other slope efficiencies available on request.
4. Fiber output power change for constant monitor output current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com