Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD2540 Datasheet (PDF) - STMicroelectronics

STOD2540 Datasheet PDF - STMicroelectronics
Part # STOD2540
Download  STOD2540 Download
File Size   602.15 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PMOLED display power supply

STOD2540 Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD2540 Datasheet PDF - STMicroelectronics

Part # STOD2540
Download  STOD2540 Click to download

File Size   602.15 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PMOLED display power supply

STOD2540 Datasheet (HTML) - STMicroelectronics


STOD2540 Product details

Description
STOD2540 is dedicated to passive matrix OLED (PMOLED) displays for portable handsets and provides the pre-charge and biasing voltage of the column matrix driver as shown in figure 3. The current capability of STOD2540 allows feeding a 1", 1.3" or 1.5" color PMOLED. STOD2540 is a boost converter that operates from 3.0 V to 5.5 V and can provide an output voltage as high as 25 V. The output current capability is maximum 40 mA up to 25 V output voltage. The regulation is performed by a resistor divider network (figure 3) that detects the output voltage.

Features
■ Inductor switches boost controller
■ PFM mode control
■ High efficiency over wide range of load (1 mA to 40 mA)
■ Integrated load disconnect switch
■ Over voltage protection with automatic restart
■ Soft start with adjustable peak current limit
■ Enable pin
■ Low shutdown current
■ Small external inductor
■ Supply voltage from 3.0 V to 5.5 V

Application
■ PMOLED display driver




Similar Part No. - STOD2540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD2540 STMICROELECTRONICS-STOD2540 Datasheet
522Kb / 19P
PMOLED display power supply
11-Sep-2006
STOD2540PMR STMICROELECTRONICS-STOD2540PMR Datasheet
522Kb / 19P
PMOLED display power supply
11-Sep-2006
More results


Similar Description - STOD2540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD2540 STMICROELECTRONICS-STOD2540 Datasheet
522Kb / 19P
PMOLED display power supply
11-Sep-2006
STOD1812 STMICROELECTRONICS-STOD1812 Datasheet
1Mb / 19P
Power supply for PMOLED display panel
25-Mar-2008
STEVAL-CLP001V1 STMICROELECTRONICS-STEVAL-CLP001V1 Datasheet
81Kb / 4P
Demonstration board for PMOLED display power supply based on the STOD2540
04-Jun-2008
logo
Texas Instruments
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
TPS65632 Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
TPS65651 Triple-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
250mA Dual Outputs AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
Dual output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
Dual-Output AMOLED Display Power Supply
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com