Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD2540 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STOD2540 Datasheet HTML 6Page - STMicroelectronics STOD2540 Datasheet HTML 7Page - STMicroelectronics STOD2540 Datasheet HTML 8Page - STMicroelectronics STOD2540 Datasheet HTML 9Page - STMicroelectronics STOD2540 Datasheet HTML 10Page - STMicroelectronics STOD2540 Datasheet HTML 11Page - STMicroelectronics STOD2540 Datasheet HTML 12Page - STMicroelectronics STOD2540 Datasheet HTML 13Page - STMicroelectronics STOD2540 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Typical application
STOD2540
10/20
Doc ID 12204 Rev 10
6
Typical application
Note:
The external components suggested in this document should be considered as a design
reference guide. The performances mentioned in the electrical characteristics table are not
guaranteed for all the possible electrical parameters of the components included in this list.
On other hand, the operation of STOD2540 is not limited to the use of components included
in this list.
Figure 3.
Basic connection
Table 6.
External components (see
Figure 3)
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
D
Boost schottky diode
VRRM
30
V
VF at IF = 300 mA, TJ = 25 °C
0.5
V
IR at VR = 10 V, TJ = 25 °C
30
µA
R1
Feedback resistor
180
k
Ω
R2
Feedback resistor
10
RSET
Peak current limit adjust
IPK = 200 mA to 1.1 A
10
100
CI
Input ceramic type low ESR
Ceramic type
4.7
µF
CO
Output capacitance: ceramic
low ESR
Capacitance
4.7
µF
Voltage
42
V
ESR
1.6
W
L
Boost inductor (height < 2mm)
Inductance
4.7
µH
ISAT, RSET pin to VI
1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com