Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD2540 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STOD2540 Datasheet HTML 12Page - STMicroelectronics STOD2540 Datasheet HTML 13Page - STMicroelectronics STOD2540 Datasheet HTML 14Page - STMicroelectronics STOD2540 Datasheet HTML 15Page - STMicroelectronics STOD2540 Datasheet HTML 16Page - STMicroelectronics STOD2540 Datasheet HTML 17Page - STMicroelectronics STOD2540 Datasheet HTML 18Page - STMicroelectronics STOD2540 Datasheet HTML 19Page - STMicroelectronics STOD2540 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
STOD2540
Revision history
Doc ID 12204 Rev 10
19/20
9
Revision history
Table 8.
Document revision history
Date
Revision
Changes
22-Mar-2006
1
Initial release.
03-Apr-2006
2
Add fig. 2 demonstration board on page 3.
08-Jun-2006
3
Description in cover page updated.
23-Jun-2006
4
Change range of RSET value and add description paragraph 5.7.
11-Sep-2006
5
Mistake on table 4 Ripple test value 3.6 V ==> 4.2 V.
27-Feb-2009
6
Modified mechanical data.
03-Mar-2009
7
Modified packaging Table1 on page1.
11-Mar-2009
8
Modified Figure 2 on page 4 and added Figure 22 on page 18.
25-Nov-2009
9
Modified Table 1 on page 1.
01-Jul-2010
10
Modified: Table 7 on page 15, Figure 21 on page 16 and Figure 22 on page 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com