Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD2540 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STOD2540 Datasheet HTML 3Page - STMicroelectronics STOD2540 Datasheet HTML 4Page - STMicroelectronics STOD2540 Datasheet HTML 5Page - STMicroelectronics STOD2540 Datasheet HTML 6Page - STMicroelectronics STOD2540 Datasheet HTML 7Page - STMicroelectronics STOD2540 Datasheet HTML 8Page - STMicroelectronics STOD2540 Datasheet HTML 9Page - STMicroelectronics STOD2540 Datasheet HTML 10Page - STMicroelectronics STOD2540 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STOD2540
Electrical characteristics
Doc ID 12204 Rev 10
7/20
VEN
Enable input logic low
Disable Low VIL
0.3
V
Enable input logic high
Enable High VIH
1.2
Line_VFB
Line regulation VFB
VI = 3 V to 5.5 V, IO = 5 mA
5
35
mV
Load_VFB
Line regulation VFB
VI = 3 V to 5.5 V, IO = 5 mA
5
35
mV
1.
Guaranteed by design.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com