Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD2540 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD2540 Datasheet HTML 2Page - STMicroelectronics STOD2540 Datasheet HTML 3Page - STMicroelectronics STOD2540 Datasheet HTML 4Page - STMicroelectronics STOD2540 Datasheet HTML 5Page - STMicroelectronics STOD2540 Datasheet HTML 6Page - STMicroelectronics STOD2540 Datasheet HTML 7Page - STMicroelectronics STOD2540 Datasheet HTML 8Page - STMicroelectronics STOD2540 Datasheet HTML 9Page - STMicroelectronics STOD2540 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STOD2540
6/20
Doc ID 12204 Rev 10
4
Electrical characteristics
TJ = 40 °C to 85 °C, VI = 3.6 V, VEN = 3V, CI = CO = 4.7 µF, L = 4.7 µH, R1 = 180 kΩ,
R2 = 10 kΩ, VO = 24 V, Typ. values @ 25 °C, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VI
Input voltage range
3.0
5.5
V
VO
Regulated output voltage
VI = 3 V to 5.5 V
VI + 0.5
25
35
V
VOVP
Over voltage protection on
output
35
V
IO
Continuous output current
VO = 25 V
140
mA
ISD
Stand-by current
VEN = Low, VI = 3.6 V
3
µA
VEN = Low, VI = 3 V to 4.2 V
10
IQ
Quiescent current consumption
VI = 3 V to 4.2 V @ 25 °C
0.4
0.8
mA
VI = 5.5 V @ 25 °C
0.8
1.2
RDSON-SW
Boost switch RDSON
(1)
VI = 4.2 V, ISW = 100 mA
0.4
Ω
BVDS Breakdown voltage
40
V
RDSON-LDS
RDSON
(1)
VO = 25 V, IO = 30 mA
2
Ω
BVDS Breakdown voltage
40
V
ILIM-ADJ
Peak inductor limit range (1)
RSET = 10 kΩ to 100 kΩ
0.2
1.1
A
ILIM-MAX
Maximum peak inductor current
(1)
VI = 3 V to 5.5 V, RSET = VI
0.75
1.2
A
FB
Feedback voltage
5% @ 25 °C
1.18
1.24
1.30
V
TON_MAX
Maximum ON time
VI = 4.2 V
5.5
µs
TOFF_MIN
Minimum OFF time
VI = 4.2 V
300
ns
Eff
Efficiency, VI = 3.6 V
(1)
IO = 1 mA to 5 mA
65
%
IO = 5 mA to 40 mA
70
Efficiency, VI = 4.2 V
(1)
IO = 1 mA to 5 mA
65
IO = 5 mA to 40 mA
70
Ripple
Output ripple and noise
VI = 3.6 V, IO = 5 mA, VO = 24 V
1.3
%
VI = 3.6 V, IO = 30 mA, VO = 24 V
1.3
VI = 4.2 V, IO = 5 mA, VO = 24 V
1.3
VI = 4.2 V, IO = 30 mA, VO = 24 V
1.3
OVHYST
Over-voltage hysteresis
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com