Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55G Datasheet (PDF) - Integrated Device Technology

IDT7133LA55G Datasheet PDF - Integrated Device Technology
Part # IDT7133LA55G
Download  IDT7133LA55G Download
File Size   140.52 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS

IDT7133LA55G Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7133LA55G Datasheet PDF - Integrated Device Technology

Part # IDT7133LA55G
Download  IDT7133LA55G Click to download

File Size   140.52 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS

IDT7133LA55G Datasheet (HTML) - Integrated Device Technology


IDT7133LA55G Product details

Description

The IDT7133/7143 are high-speed 2K x 16 Dual-Port Static RAMs. The IDT7133 is designed to be used as a stand-alone 16-bit Dual-Port RAM or as a “MASTER” Dual-Port RAM together with the IDT7143 “SLAVE” Dual-Port in 32-bit-or-more word width systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 32-bit-or-wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

 

Features

◆ High-speed access

   – Military: 25/35/45/55/70/90ns (max.)

   – Industrial: 25/35/55ns (max.)

   – Commercial: 20/25/35/45/55/70/90ns (max.)

◆ Low-power operation

   – IDT7133/43SA

      Active: 1150mW (typ.)

      Standby: 5mW (typ.)

   – IDT7133/43LA

      Active: 1050mW (typ.)

      Standby: 1mW (typ.)

◆ Versatile control for write: separate write control for lower and upper byte of each port

◆ MASTER IDT7133 easily expands data bus width to 32 bits or more using SLAVE IDT7143

◆ On-chip port arbitration logic (IDT7133 only)

◆ BUSY output flag on IDT7133; BUSY input on IDT7143

◆ Fully asynchronous operation from either port

◆ Battery backup operation–2V data retention

◆ TTL-compatible; single 5V (±10%) power supply

◆ Available in 68-pin ceramic PGA, Flatpack, PLCC and 100- pin TQFP

◆ Military product compliant to MIL-PRF-38535 QML

◆ Industrial temperature range (–40°C to +85°C) is available for selected speeds



 




Similar Part No. - IDT7133LA55G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7133LA IDT-IDT7133LA Datasheet
174Kb / 17P
HIGH SPEED 2K X 16 DUAL-PORT SRAM
More results


Similar Description - IDT7133LA55G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com