Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55G Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7133LA55G
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55G Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7133LA55G Datasheet HTML 1Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 2Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 3Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 4Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 5Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 6Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 7Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
3
Pin Configurations(1,2,3) (con't.)
NOTES:
1.
Both VCC pins must be connected to the power supply to ensure reliable operation.
2.
Both GND pins must be connected to the ground supply to ensure reliable operation.
3.
Package body is approximately 1.18 in x 1.18 in x 0.16 in.
4.
This package code is used to reference the package diagram.
5.
This text does not indicate orientation of the actual part-marking.
Pin Names
2746 drw 04
I/O0L
VCC(1)
A10L
A9L
A8L
A7L
A6L
A5L
A4L
A3L
51
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O8L
I/O9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
I/O15L
VCC(1)
GND(2)
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
I/O8R
I/O9R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
A2L
A1L
A0L
R/
WLUB
R/
WLLB
OEL
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
A10R
R/
WRLB
R/
WRUB
OER
GND(2)
BUSYL
BUSYR
CEL
CER
50
48
46
44
42
40
38
36
A0R
A1R
52
49
47
45
43
41
39
37
35
53
34
54
55
56
57
58
59
60
61
62
63
64
65
66
67
1
68
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
IDT7133/43G
GU68-1(4)
68-Pin PGA
Top View(5)
Pin 1
Designator
A
B
CDE
FG
H
J
K
L
01
02
03
04
05
06
07
08
09
10
11
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WLUB
R/WRUB
Upper Byte Read/Write Enable
R/WLLB
R/WRLB
Lower Byte Read/Write Enable
OEL
OER
Output Enable
A0L - A10L
A0R - A10R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
BUSYL
BUSYR
Busy Flag
VCC
Power
GND
Ground
2746 tbl 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com