Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55G Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7133LA55G
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55G Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7133LA55G Datasheet HTML 1Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 2Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 3Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 4Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 5Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 6Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 7Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2000 Integrated Device Technology, Inc.
JUNE 2000
DSC 2746/11
1
HIGH SPEED
2K X 16 DUAL-PORT
SRAM
IDT7133SA/LA
IDT7143SA/LA
Features
x
x
x
x
x High-speed access
–
Military: 25/35/45/55/70/90ns (max.)
–
Industrial: 25/35/55ns (max.)
–
Commercial: 20/25/35/45/55/70/90ns (max.)
x
x
x
x
x Low-power operation
–
IDT7133/43SA
Active: 1150mW (typ.)
Standby: 5mW (typ.)
–
IDT7133/43LA
Active: 1050mW (typ.)
Standby: 1mW (typ.)
x
x
x
x
x Versatile control for write: separate write control for lower
and upper byte of each port
x
x
x
x
x MASTER IDT7133 easily expands data bus width to 32 bits
or more using SLAVE IDT7143
x
x
x
x
x On-chip port arbitration logic (IDT7133 only)
Functional Block Diagram
NOTE:
1.
IDT7133 (MASTER):
BUSY is open drain output and requires pull-up resistor.
IDT7143 (SLAVE):
BUSY is input.
x
x
x
x
x
BUSY output flag on IDT7133; BUSY input on IDT7143
x
x
x
x
x Fully asynchronous operation from either port
x
x
x
x
x Battery backup operation–2V data retention
x
x
x
x
x TTL-compatible; single 5V (±10%) power supply
x
x
x
x
x Available in 68-pin ceramic PGA, Flatpack, PLCC and 100-
pin TQFP
x
x
x
x
x Military product compliant to MIL-PRF-38535 QML
x
x
x
x
x Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Description
The IDT7133/7143 are high-speed 2K x 16 Dual-Port Static RAMs.
The IDT7133 is designed to be used as a stand-alone 16-bit Dual-Port
RAM or as a “MASTER” Dual-Port RAM together with the IDT7143
“SLAVE” Dual-Port in 32-bit-or-more word width systems. Using the
IDT MASTER/SLAVE Dual-Port RAM approach in 32-bit-or-wider
I/O
CONTROL
MEMORY
ARRAY
ARBITRATION
LOGIC
(IDT7133 ONLY)
R/
WLUB
CEL
R/
WLLB
OEL
I/O0L - I/O7L
BUSYL
A0L
CEL
R/
WRUB
CER
R/
WRLB
OER
I/O8R -I/O15R
I/O0R -I/O7R
BUSYR
(1)
A0R
CER
2746 drw 01
A10L
ADDRESS
DECODER
A10R
I/O
CONTROL
ADDRESS
DECODER
11
11
(1)
I/O8L -I/O15L


Similar Part No. - IDT7133LA55G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7133LA IDT-IDT7133LA Datasheet
174Kb / 17P
HIGH SPEED 2K X 16 DUAL-PORT SRAM
More results

Similar Description - IDT7133LA55G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com