Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55G Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7133LA55G
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55G Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7133LA55G Datasheet HTML 1Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 2Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 3Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 4Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 5Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 6Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 7Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
2
2746 drw 02
10
11
12
13
14
15
16
IDT7133/43
J68-1 / F68-1(4)
68-Pin PLCC/Flatpack
Top View(5)
50
49
48
47
46
45
44
INDEX
17
18
19
20
21
22
23
24
25
26
51
52
53
54
55
56
57
58
59
60
98
7
654
3
2
1
68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
A6L
A5L
A4L
A3L
A2L
A1L
A0L
A0R
A1R
A2R
A3R
A4R
A5R
BUSYL
BUSYR
CEL
CER
I/O9L
I/O10L
I/O11L
I/O13L
I/O14L
I/O15L
VCC(1)
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
I/O12L
GND(2)
Pin Configurations(1,2,3)
memory system applications results in full-speed, error-free operation
without the need for additional discrete logic.
Both devices provide two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access
for reads or writes to any location in memory. An automatic power
down feature, controlled by
CE, permits the on-chip circuitry of each
port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 1,150mW of power. Low-power (LA)
versions offer battery backup data retention capability, with each port
typically consuming 200µW for a 2V battery.
The IDT7133/7143 devices have identical pinouts. Each is packed
in a 68-pin ceramic PGA, 68-pin flatpack, 68-pin PLCC and 100-pin
TQFP. Military grade product is manufactured in compliance with the
latest revision of MIL-PRF-38535 QML, making it ideally suited to
military temperature applications demanding the highest level of
performance and reliability.
NOTES:
1.
Both VCC pins must be connected to the power supply to ensure reliable
operation.
2.
Both GND pins must be connected to the ground supply to ensure reliable
operation.
3.
J68-Package body is approximately 0.95 in x 0.95 in x 0.17 in.
F68-Package body is approximately 1.18 in x 1.18 in x 0.16 in.
PN100-Package body is approximately 14mm x 14mm x 1.4mm.
4.
This package code is used to reference the package diagram.
5.
This text does not indicate orientation of the actual part-marking.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 9998979695949392919089 88 87 8685848382 8180 79787776
IDT7133/43PF
PN100-1(4)
100-Pin TQFP
Top View(5)
N/C
N/C
N/C
N/C
I/O10L
I/O11L
I/O12L
I/O13L
GND
I/O14L
I/O15L
VCC
GND
I/O0R
I/O1R
I/O2R
I/O3R
VCC
I/O4R
I/O5R
I/O6R
N/C
N/C
N/C
N/C
2746 drw 03
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
N/C
GND
N/C
BUSYR
N/C
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com