Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55G Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT7133LA55G
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55G Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT7133LA55G Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 9Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 10Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 11Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 12Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 13Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 14Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 15Page - Integrated Device Technology IDT7133LA55G Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
12
2746 drw 11
tDW
tAPS
ADDR"A"
tWC
MATCH
tWP
R/
W"A"
DATAIN"A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(4)
tWDD
DATAOUT "B"
Timing Waveform of Write with Port-to-Port Read and BUSY(1,2,3)
Timing Waveform of Write with BUSY(3)
NOTES:
1. tWH must be met for both
BUSY input (IDT7143, slave) and output (IDT7133, master).
2.
BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
3. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
NOTES:
1. To ensure that the earlier of the two ports wins, tAPS is ignored for Slave (IDT7143).
2.
CEL = CER = VIL
3.
OE = VIL for the reading port.
4. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A".
2746 drw 12
R/
W"A"
BUSY"B"
tWP
tWB
R/
W"B"
tWH
(1)
(2)
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com