Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1232 Datasheet (PDF) - IMP, Inc

IMP1232 Datasheet PDF - IMP, Inc
Part # IMP1232
Download  IMP1232 Download
File Size   104.38 Kbytes
Page   7 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description 5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit

IMP1232 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP1232 Datasheet PDF - IMP, Inc

Part # IMP1232
Download  IMP1232 Click to download

File Size   104.38 Kbytes
Page   7 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description 5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit

IMP1232 Datasheet (HTML) - IMP, Inc


IMP1232 Product details

5V µP Power Supply Monitor and Reset Circuit

– Selectable Trip-Point Tolerance and Watchdog Period

– Push-Button Reset



The IMP1232LP/LPS microprocessor supervisor can halt and restart a “hung-up” or “stalled” microprocessor, restart a microprocessor after a power failure, and debounce and interface a manual push-button microprocessor reset switch. The low-power supervisors feature 40% lower supply current than the pin compatible Dallas Semiconductor DS1232LP/LPS.



Key Features

◆ Pin compatible with the Dallas Semiconductor DS1232LP/1232LPS

   — 40% lower supply current

◆ 5V supply monitor

◆ Selectable watchdog period

◆ Debounce manual push-button reset input

◆ Precision temperature-compensated voltage reference and comparator

◆ Power-up, power-down and brownout detection

◆ 250ms reset time

◆ Active LOW open-drain reset and active HIGH push-pull output

◆ Selectable trip point tolerance: 5% or 10%

◆ Low-cost, surface mount packages: 8/16-pin SO, 8-pin DIP and 8-pin MicroSO

◆ Wide operating temperature –40°C to +85°C (N/EPA suffixed devices)



 




Similar Part No. - IMP1232

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1232LP A1PROS-IMP1232LP Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP1232LPCMA A1PROS-IMP1232LPCMA Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP1232LPEMA A1PROS-IMP1232LPEMA Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP1232LPN A1PROS-IMP1232LPN Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP1232LPS A1PROS-IMP1232LPS Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
More results


Similar Description - IMP1232

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
3.3V 關P Power Suppl Monitor and Reset Circuit
logo
Maxim Integrated Produc...
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
logo
Alliance Semiconductor ...
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
3.3V UP Power Supply Monitor and Reset Circuit
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
3.3V 關P Power Supply Monitor and Reset Circuit
ASM1834 PULSECORE-ASM1834 Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com