Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1232 Datasheet(PDF) 7 Page - IMP, Inc

Part # IMP1232
Description  5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1232 Datasheet(HTML) 7 Page - IMP, Inc

  IMP1232 Datasheet HTML 1Page - IMP, Inc IMP1232 Datasheet HTML 2Page - IMP, Inc IMP1232 Datasheet HTML 3Page - IMP, Inc IMP1232 Datasheet HTML 4Page - IMP, Inc IMP1232 Datasheet HTML 5Page - IMP, Inc IMP1232 Datasheet HTML 6Page - IMP, Inc IMP1232 Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IMP1
IMP1232LP/LPS
232LP/LPS
IMP, Inc.
Corporate Headquarters
2830 N. First Street
San Jose, CA 95134-2071
Tel: 408-432-9100
Tel: 800-438-3722
Fax: 408-434-0335
e-mail: info@impinc.com
http://www.impweb.com
The IMP logo is a registered trademark of IMP, Inc.
All other company and product names are trademarks of their respective owners.
© 1999 IMP, Inc.
Printed in USA
Publication #: 1011
Revision:
B
Issue Date:
11/08/99
Type:
Preliminary
Package Dimensions
SO (16-Pin)
H
E
eB
D
A1
A
L
0
°– 8°
C
SO (14-Pin).eps
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
6
1
(
O
S
A6
2
9
.
03
4
0
1
.
05
3
.
25
6
.
2
1
A0
4
0
0
.
08
1
1
0
.
00
1
.
00
3
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C1
9
0
0
.
05
2
1
0
.
03
2
.
02
3
.
0
D7
7
9
3
.
03
3
1
4
.
00
1
.
0
10
5
.
0
1
E4
1
9
2
.
02
6
6
2
.
00
4
.
70
6
.
7
eC
S
B
0
5
0
.
0C
S
B
7
2
.
1
H4
9
3
.
09
1
4
.
00
0
.
0
15
6
.
0
1
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
A
A
3
1
0
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
3
t
a
.
3
0
t
_
6
2
/
4
2
5
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com