Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1232 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP1232
Description  5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1232 Datasheet(HTML) 4 Page - IMP, Inc

  IMP1232 Datasheet HTML 1Page - IMP, Inc IMP1232 Datasheet HTML 2Page - IMP, Inc IMP1232 Datasheet HTML 3Page - IMP, Inc IMP1232 Datasheet HTML 4Page - IMP, Inc IMP1232 Datasheet HTML 5Page - IMP, Inc IMP1232 Datasheet HTML 6Page - IMP, Inc IMP1232 Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP1
IMP1232LP/LPS
232LP/LPS
Application Information
Supply Voltage Monitor
Reset Signal Polarity and Output Stage Structure
RESET is an active LOW signal. It is developed with an open
drain driver. If a pullup resistor is required, typical values are
10k
Ω to 50kΩ.
RESET is an active High signal developed by a CMOS push-pull
output stage and is the logical opposite to RESET.
Trip Point Tolerance Selection
With TOL connected to VCC, RESET and RESET become active
whenever VCC falls below 4.5V. RESET and RESET become active
when VCC falls below 4.75V if TOL is connected to ground.
After VCC has risen above the trip point set by TOL, RESET and
RESET remain active for a minimum time period of 250ms.
On power-down, once VCC falls below the reset threshold RESET
stays LOW and is guaranteed to be 0.4V or less until VCC drops
below 1.2V. The active HIGH reset signal is valid down to a VCC
level of 1.2V also.
Figure 1. Timing Diagram: Power Up
Figure 2. Timing Diagram: Power Down
1232_05.eps
4.75V
VCCTP
4.25V
VCC
RESET
RESET
tR
tRPU
VOH
VOL
Figure 3. Timing Diagram: Pushbutton Reset
VIH
VIL
VOH
VOL
RESET
RESET
PBRST
tPDLY
tPB
tRST
1232_08.eps
Figure 4. Application Circuit: Pushbutton Reset
1232_06.eps
PBRST
5V
1
VCC
TD
2
ST
TOL
IMP1232LP/LPS
µP
3
4
RESET
GND
8
7
6
5
RESET
RESET
4.75V
VCCTP
4.25V
VCC
RESET
RESET
tF
VOH
VOL
tRPD
1232_04.eps
Manual Reset Operation
Push-button switch input, PBRST, allows the user to override the
internal trip point detection circuits and issue reset signals. The
pushbutton input is debounced and is normally pulled HIGH
through an internal 40k
Ω resistor.
When PBRST is held LOW for the minimum time tPB , both resets
become active and remain active for approximately a minimum
time period of 250ms after PBRST returns HIGH.
The debounced input is guaranteed to recognize pulses greater
than 20ms. No external pull-up resistor is required, since PBRST
is pulled HIGH by an internal 40k
Ω resistor.
The PBRST can be driven from a TTL or CMOS logic line or short-
ed to ground with a mechanical switch.
e
c
n
a
r
e
l
o
T
t
c
e
l
e
Se
c
n
a
r
e
l
o
T
)
V
(
e
g
a
t
l
o
V
t
n
i
o
P
P
I
R
T
n
i
Ml
a
n
i
m
o
Nx
a
M
V
=
L
O
T
C
C
%
0
15
2
.
47
3
.
49
4
.
4
D
N
G
=
L
O
T%
55
.
42
6
.
44
7
.
4
s
p
e
.
2
0
t
_
2
3
2
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com