Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1232 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP1232
Description  5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1232 Datasheet(HTML) 2 Page - IMP, Inc

  IMP1232 Datasheet HTML 1Page - IMP, Inc IMP1232 Datasheet HTML 2Page - IMP, Inc IMP1232 Datasheet HTML 3Page - IMP, Inc IMP1232 Datasheet HTML 4Page - IMP, Inc IMP1232 Datasheet HTML 5Page - IMP, Inc IMP1232 Datasheet HTML 6Page - IMP, Inc IMP1232 Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Pin Configuration
IMP1
IMP1232LP/LPS
232LP/LPS
Pin Descriptions
IMP1232LP
IMP1232LPS-2
IMP1232LPCMA
IMP1232LPEMA
5
1232_01.eps
RESET
6 RESET
7ST
8
4
3
2
1VCC
GND
TOL
TD
PBRST
Ordering Information
1232_02.eps
IMP1232LPSN
13 ST
14 NC
15 VCC
16
4
3
2
1NC
TD
12 NC
5
NC
11 RESET
6
TOL
10 NC
7
NC
9 RESET
8
GND
NC
PBRST
NC
DIP/SO/MicroSO
SO
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
e
g
n
a
R
y
l
p
p
u
S
m
u
m
i
x
a
M
(
t
n
e
r
r
u
C
µ )
A
g
n
i
r
o
t
i
n
o
M
e
g
a
t
l
o
V
n
o
i
t
a
c
i
l
p
p
A
P
L
2
3
2
1
P
M
IP
I
D
-
80 C
°
0
7
o
tC
°
0
3V
5
S
P
L
2
3
2
1
P
M
IO
S
-
6
10 C
°
0
7
o
tC
°
0
3V
5
2
-
S
P
L
2
3
2
1
P
M
IO
S
-
80 C
°
0
7
o
tC
°
0
3V
5
A
M
C
P
L
2
3
2
1
P
M
IO
S
o
r
c
i
M
-
80 C
°
0
7
o
tC
°
0
3V
5
A
M
E
P
L
2
3
2
1
P
M
IO
S
o
r
c
i
M
-
80
4
–
C
°
5
8
o
tC
°
0
3V
5
N
P
L
2
3
2
1
P
M
IP
I
D
-
80
4
–
C
°
5
8
o
tC
°
0
3V
5
2
-
N
S
P
L
2
3
2
1
P
M
IO
S
-
80
4
–
C
°
5
8
o
tC
°
0
3V
5
N
S
P
L
2
3
2
1
P
M
IO
S
-
6
10
4
–
C
°
5
8
o
tC
°
0
3V
5
s
p
e
.
1
0
t
_
2
3
2
1
Pin Number
Pin Number
8-Pin P
8-Pin Pac
ack
kag
agee
116-Pin P
6-Pin Pac
ack
kag
agee
N
Name
ame
F
Function
unction
1
2
PBRST
Debounced manual pushbutton RESET input
2
4
TD
Watchdog time delay selection. (tTD = 150ms for TD = GND, tTD = 610ms
for TD = Open, and tTD =1200ms for TD = VCC)
3
6
TOL
Selects 5% (TOL connected to GND) or 10% (TOL connected to VCC) trip
point tolerance
4
8
GND
Ground
5
9
RESET
Active HIGH reset output. RESET is active:
1. If VCC falls below the reset voltage trip point.
2. If PBRST is LOW.
3. If ST is not strobed LOW before the timeout period set by TD expires.
4. During power-up.
6
11
RESET
Active LOW reset output. (See RESET)
7
13
ST
Strobe Input
815
VCC
5V power
—
1, 3, 5, 7, 10,
NC
No internal connection
12, 14, 16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com