Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C83 Datasheet (PDF) - Intersil Corporation

82C83 Datasheet PDF - Intersil Corporation
Part # 82C83
Download  82C83 Download
File Size   105.77 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Octal Latching Inverting Bus Driver

82C83 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C83 Datasheet PDF - Intersil Corporation

Part # 82C83
Download  82C83 Click to download

File Size   105.77 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Octal Latching Inverting Bus Driver

82C83 Datasheet (HTML) - Intersil Corporation


82C83 Product details

Description
The Intersil 82C83H is a high performance CMOS Octal Latching Buffer manufactured using a self-aligned silicon gate CMOS process (Scaled SAJI IV). The 82C83H provides an 8-bit parallel latch/buffer in a 20 lead pin package. The active high strobe (STB) input allows transparent transfer of data and latches data on the negative transition of this signal. The active low output enable (OE) permits simple interface to microprocessor systems. The 82C83H provides inverted data at the outputs.

Features
• Full 8-Bit Parallel Latching Buffer
• Bipolar 8283 Compatible
• Three-State Inverting Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 25ns Max
• Gated Inputs
    - Reduce Operating Power
    - Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation
    - ICCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
• Operating Temperature Ranges
    - C82C83H . . . . . . . . . . . . . . . . . . . . . . . . .0°C to +70°C
    - I82C83H . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
    - M82C83H . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C




Similar Part No. - 82C83

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C836 ETC1-82C836 Datasheet
3Mb / 205P
Single-Chip 386sx AT
82C836A ETC1-82C836A Datasheet
3Mb / 205P
Single-Chip 386sx AT
82C836A-16 ETC1-82C836A-16 Datasheet
3Mb / 205P
Single-Chip 386sx AT
82C836A-20 ETC1-82C836A-20 Datasheet
3Mb / 205P
Single-Chip 386sx AT
82C836B ETC1-82C836B Datasheet
3Mb / 205P
Single-Chip 386sx AT
More results


Similar Description - 82C83

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT540A ONSEMI-MC74VHCT540A Datasheet
172Kb / 8P
Octal Bus Buffer Inverting
1999 REV 0
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
Octal bus transceiver, inverting 3tate
1989 Apr 06
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
Inverting Octal Bus Transceiver
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
103Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
logo
ON Semiconductor
MC74LVX540 ONSEMI-MC74LVX540 Datasheet
104Kb / 8P
Octal Bus Buffer Inverting
March, 2005 ??Rev. 3
MC74VHC540 ONSEMI-MC74VHC540 Datasheet
206Kb / 8P
Octal Bus Buffer Inverting
March, 2006 -- Rev. 3
logo
Intersil Corporation
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
logo
Renesas Technology Corp
82C82 RENESAS-82C82 Datasheet
501Kb / 8P
CMOS Octal Latching Bus Driver
Aug 25, 2015
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com