Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ45 Datasheet (PDF) - Intersil Corporation

BUZ45 Datasheet PDF - Intersil Corporation
Part # BUZ45
Download  BUZ45 Download
File Size   12.11 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9.6A, 500V, 0.600 Ohm, N-Channel Power MOSFET

BUZ45 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ45 Datasheet PDF - Intersil Corporation

Part # BUZ45
Download  BUZ45 Click to download

File Size   12.11 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9.6A, 500V, 0.600 Ohm, N-Channel Power MOSFET

BUZ45 Datasheet (HTML) - Intersil Corporation


BUZ45 Product details

IThis is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.
   
Features
• 9.6A, 500V
• rDS(ON) = 0.600Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
   




Similar Part No. - BUZ45

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUZ45 NJSEMI-BUZ45 Datasheet
98Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
logo
Inchange Semiconductor ...
BUZ45 ISC-BUZ45 Datasheet
483Kb / 2P
isc N-Channel MOSFET Transistor
logo
Intersil Corporation
BUZ45A INTERSIL-BUZ45A Datasheet
12Kb / 1P
8.3A, 500V, 0.800 Ohm, N-Channel Power MOSFET
October 1998
logo
Inchange Semiconductor ...
BUZ45A ISC-BUZ45A Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Similar Description - BUZ45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF840 INTERSIL-IRF840 Datasheet
56Kb / 7P
8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
IRFF420 INTERSIL-IRFF420 Datasheet
326Kb / 7P
1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET
March 1999
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
IRFS450A FAIRCHILD-IRFS450A Datasheet
232Kb / 7P
Advanced Power MOSFET (500V, 0.4ohm, 9.6A)
logo
Will Semiconductor Ltd.
WNM3032 WILLSEMI-WNM3032 Datasheet
1Mb / 8P
Single N-Channel, 30V, 9.6A , Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com